Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9163-33CXL Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9163-33CXL
Description  500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9163-33CXL Datasheet(HTML) 6 Page - Richtek Technology Corporation

  RT9163-33CXL Datasheet HTML 1Page - Richtek Technology Corporation RT9163-33CXL Datasheet HTML 2Page - Richtek Technology Corporation RT9163-33CXL Datasheet HTML 3Page - Richtek Technology Corporation RT9163-33CXL Datasheet HTML 4Page - Richtek Technology Corporation RT9163-33CXL Datasheet HTML 5Page - Richtek Technology Corporation RT9163-33CXL Datasheet HTML 6Page - Richtek Technology Corporation RT9163-33CXL Datasheet HTML 7Page - Richtek Technology Corporation RT9163-33CXL Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RT9163
www.richtek-ic.com.tw
DS9163-14 April 2002
6
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
2.184
2.388
0.086
0.094
B
0.889
2.032
0.035
0.080
b
0.508
0.889
0.020
0.035
b1
1.016 Ref.
0.040 Ref.
b2
0.457
0.584
0.018
0.023
C
0.457
0.584
0.018
0.023
D
6.350
6.731
0.250
0.265
D1
5.207
5.461
0.205
0.215
E
5.334
6.223
0.210
0.245
e
2.108
2.438
0.083
0.096
L1
9.398
10.414
0.370
0.410
L2
0.508
--
0.020
--
L3
0.635
1.016
0.025
0.040
U
3.810 Ref.
0.150 Ref.
V
3.048 Ref.
0.120 Ref.
3-Lead TO-252 Plastic Surface Mount Package
U
V
L1
C
A
b2
L2
D
D1
B
E
b
b1
e
L3


Similar Part No. - RT9163-33CXL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9163-33GG RICHTEK-RT9163-33GG Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
RT9163-33GGF RICHTEK-RT9163-33GGF Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
RT9163-33GGL RICHTEK-RT9163-33GGL Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
RT9163-33GGT RICHTEK-RT9163-33GGT Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
RT9163-33GL RICHTEK-RT9163-33GL Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
More results

Similar Description - RT9163-33CXL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
   500mA Low Dropout Positive Voltage Regulator
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163_07 Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1115 TSC-TS1115_09 Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS1115 TSC-TS1115 Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com