Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD42P440428SOP Datasheet(PDF) 2 Page - AUK corp

Part # SD42P440428SOP
Description  4Bit Single Chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD42P440428SOP Datasheet(HTML) 2 Page - AUK corp

  SD42P440428SOP Datasheet HTML 1Page - AUK corp SD42P440428SOP Datasheet HTML 2Page - AUK corp SD42P440428SOP Datasheet HTML 3Page - AUK corp SD42P440428SOP Datasheet HTML 4Page - AUK corp SD42P440428SOP Datasheet HTML 5Page - AUK corp SD42P440428SOP Datasheet HTML 6Page - AUK corp SD42P440428SOP Datasheet HTML 7Page - AUK corp SD42P440428SOP Datasheet HTML 8Page - AUK corp SD42P440428SOP Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
KSI-W031-000
2
Features
SD42C/P4404
Memory mapped I/O
8-bit serial communication interface
- External / Internal clock selection
Program memory : 4096 x 10bits (DMC42C4404)
- Mode : Transmit, Receive
2048 x 10bits (DMC42C4302)
Receive only
Clock continuous
Data memory
: 512 x 4bits (DMC42C4404)
256 x 4bits (DMC42C4302)
8-bit A/D converter
- 8-bit successive approximate type
Instructions
- 4 channels
- Various bit manipulation
- Sample and hold
- 8-bit data operation
- Conversion time : 17.1us at 4.19MHz
- 7-bit relative branch
- 1 byte absolute call
24 I/O Pins
- CMOS Pins : 16
Instruction cycle times ( XI = 4.19MHz )
- High current LED direct drive pins
- 15.3 us ( XI/64 = 65.5KHz )
- Internal pull-up resistor ( Mask option )
- 1.91 us ( XI/8 = 524.0KHz )
- Internal pull-down resistor ( Mask option )
- 0.95 us ( XI/4 = 1.05MHz )
Power saving mode
4 Register Bank
- STOP : Main clock, CPU clock stop
- STBY : Only CPU clock stop
General register : 8 x 4-bit respectively
Main clock operation
Accumulator
Operating voltage range
- Bit Accumulator (CY), 4 bit Accumulator (A),
- VDD = 2.5 ~ 5V ± 10%
8 bit Accumulator (XA)
Operating temperature range
Multiple vectored interrupt source
- TA = -40℃ to +85℃
- External interrupt : 3
- Internal interrupt : 4
Watch timer (at 4.19MHz)
- fast mode : 3.91 msec
- normal mode : 0.5 sec
- buzzer output : 1, 2, 4 KHz
APPLICATION
Basic interval timer
- 8 kinds of period
Telephone, General
- Used stabilization wait timer to wake up Stop mode
One 8-bit timer / event counter
Key scan
- 7 channels


Similar Part No. - SD42P440428SOP

ManufacturerPart #DatasheetDescription
logo
AUK corp
SD42P1008 AUK-SD42P1008 Datasheet
96Kb / 20P
   4Bit Single Chip Microcontroller
More results

Similar Description - SD42P440428SOP

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DMC42C1106 DAEWOO-DMC42C1106 Datasheet
167Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C4008 DAEWOO-DMC42C4008 Datasheet
141Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C1008 DAEWOO-DMC42C1008 Datasheet
135Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C3008 DAEWOO-DMC42C3008 Datasheet
115Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C2008 DAEWOO-DMC42C2008 Datasheet
271Kb / 22P
   4Bit Single Chip Microcontroller
logo
AUK corp
SD42C1008 AUK-SD42C1008 Datasheet
96Kb / 20P
   4Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
W541C200 ETC1-W541C200 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
logo
AUK corp
SD6830 AUK-SD6830 Datasheet
122Kb / 34P
   4BIT MICROCONTROLLER
logo
Integral Corp.
IN5732 INTEGRAL-IN5732 Datasheet
111Kb / 4P
   4BIT SINGLE CHIP MICROCOMPUTER
logo
Hitachi Semiconductor
HD404240S HITACHI-HD404240S Datasheet
3Mb / 67P
   CMOS 4bit single-chip microcomputers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com