Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD42P440428SOP Datasheet(PDF) 4 Page - AUK corp

Part # SD42P440428SOP
Description  4Bit Single Chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD42P440428SOP Datasheet(HTML) 4 Page - AUK corp

  SD42P440428SOP Datasheet HTML 1Page - AUK corp SD42P440428SOP Datasheet HTML 2Page - AUK corp SD42P440428SOP Datasheet HTML 3Page - AUK corp SD42P440428SOP Datasheet HTML 4Page - AUK corp SD42P440428SOP Datasheet HTML 5Page - AUK corp SD42P440428SOP Datasheet HTML 6Page - AUK corp SD42P440428SOP Datasheet HTML 7Page - AUK corp SD42P440428SOP Datasheet HTML 8Page - AUK corp SD42P440428SOP Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
KSI-W031-000
4
Program Memory (ROM)
Vector Address
Data Memory (RAM)
SD42C/P4404
CONTENTS
Prioty
INTERRUPT SUORCE
0000H
VECTOR
0000H
0
RESET
Reset Signal
ADDRESS AREA
0002H
1
IRQBT
Basic Interval Timer
001FH
0004H
2
IRQ0
External interrupt 0
0020H
ZERO-PAGE
0006H
3
IRQ1
External interrupt 1
CALL AREA
0008H
005FH
000AH
5
IRQTC1
Timer Event Counter 1
0060H
000CH
000EH
0010H
0012H
9
IRQS0
Serial I/O 0
0014H
10
IRQAD
8 bit ADC
4K Byte
0016H
0018H
12
IRQWT
Watch Timer
001AH
13
IRQKS
Key Scan
001CH
0FFFH
001EH
15
-
reserved
DIRECT
INDIRECT
STACK
GENERAL
m
@HL
@DE @DL
REGISTER
$00
RB=0
RB=1
PAGE0
RB=2
RB=4
(256 Byte)
MP=0
SPS=0
$FF
$00
PAGE1
(256 Byte)
MB=0
MB=0
MP=1
SPS=1
BANK 0
$FF
(1K)
$00
PAGE2
(256 Byte)
MP=2
SPS=2
$FF
$00
PAGE3
I/O
(256 Byte)
MEMORY
MP=3
; Usable
$FF


Similar Part No. - SD42P440428SOP

ManufacturerPart #DatasheetDescription
logo
AUK corp
SD42P1008 AUK-SD42P1008 Datasheet
96Kb / 20P
   4Bit Single Chip Microcontroller
More results

Similar Description - SD42P440428SOP

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DMC42C1106 DAEWOO-DMC42C1106 Datasheet
167Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C4008 DAEWOO-DMC42C4008 Datasheet
141Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C1008 DAEWOO-DMC42C1008 Datasheet
135Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C3008 DAEWOO-DMC42C3008 Datasheet
115Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C2008 DAEWOO-DMC42C2008 Datasheet
271Kb / 22P
   4Bit Single Chip Microcontroller
logo
AUK corp
SD42C1008 AUK-SD42C1008 Datasheet
96Kb / 20P
   4Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
W541C200 ETC1-W541C200 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
logo
AUK corp
SD6830 AUK-SD6830 Datasheet
122Kb / 34P
   4BIT MICROCONTROLLER
logo
Integral Corp.
IN5732 INTEGRAL-IN5732 Datasheet
111Kb / 4P
   4BIT SINGLE CHIP MICROCOMPUTER
logo
Hitachi Semiconductor
HD404240S HITACHI-HD404240S Datasheet
3Mb / 67P
   CMOS 4bit single-chip microcomputers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com