Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9163-50CGL Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9163-50CGL
Description  500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9163-50CGL Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9163-50CGL Datasheet HTML 1Page - Richtek Technology Corporation RT9163-50CGL Datasheet HTML 2Page - Richtek Technology Corporation RT9163-50CGL Datasheet HTML 3Page - Richtek Technology Corporation RT9163-50CGL Datasheet HTML 4Page - Richtek Technology Corporation RT9163-50CGL Datasheet HTML 5Page - Richtek Technology Corporation RT9163-50CGL Datasheet HTML 6Page - Richtek Technology Corporation RT9163-50CGL Datasheet HTML 7Page - Richtek Technology Corporation RT9163-50CGL Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RT9163
DS9163-14 April 2002
www.richtek-ic.com.tw
1
500mA Low Dropout Positive Voltage Regulator
General Description
The RT9163 is a positive low dropout regulator
designed for applications requiring low dropout
performance at full rated current. The device is
available in fixed output voltage of 3.3V, 3.5V, and
5.0V. The RT9163 provides excellent regulation over
line, load, and temperature variations.
The other features include low dropout performance
at a maximum of 1.4V at 500mA, fast transient
response, internal current limiting, and thermal
shutdown protection of the output devices. The
RT9163 is a three-terminal regulator available in
surface mount SOT-89, SOT-223, and TO-252
packages.
Applications
5V to 3.3V Linear Regulator
Low Voltage Microcontroller, DSP… etc Power
Supply
Linear Regulator for LAN Card and CD-ROM
Ordering Information
RT9163-
Features
Low Dropout, Maximum 1.4V at 500mA
Fast Transient Response
±±±±2% Total Output Regulation
0.4% Line Regulation
0.4% Load Regulation
TO-92, SOT-89, SOT-223, and TO-252 Packages
Pin Configurations
Part Number
Pin Configurations
RT9163-
CZL
(Plastic TO-92)
TOP VIEW
1. VIN
2. GND
3. VOUT
RT9163-
CX
(Plastic SOT-89)
TOP VIEW
1. VOUT
2. GND (TAB)
3. VIN
RT9163-
CXL
(Plastic SOT-89)
TOP VIEW
1. GND
2. VIN (TAB)
3. VOUT
RT9163-
CL
(Plastic TO-252)
TOP VIEW
1. VOUT
2. GND (TAB)
3. VIN
RT9163-
CG
(Plastic SOT-223)
Type I
TOP VIEW
1. VOUT
2. GND (TAB)
3. VIN
RT9163-
CGL
(Plastic SOT-223)
Type II
TOP VIEW
1. VIN
2. GND (TAB)
3. VOUT
RT9163-
CGT
(Plastic SOT-223)
Type III
TOP VIEW
1. GND
2. VOUT (TAB)
3. VIN
RT9163-
CGF
(Plastic SOT-223)
Type IV
TOP VIEW
1. GND
2. VIN (TAB)
3. VOUT
Operating temperature range
C: Commercial standard
Package type
ZL : TO-92
X : SOT-89
XL : SOT-89, L Type
L : TO-252
G : SOT-223 Type I
GL : SOT-223 Type II
GT : SOT-223 Type III
GF : SOT-223 Type IV
Output voltage
33 : 3.3V
35 : 3.5V
50 : 5.0V
1 2 3
12
3
12
3
123
123
123
123
123


Similar Part No. - RT9163-50CGL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9163-50GG RICHTEK-RT9163-50GG Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
RT9163-50GGF RICHTEK-RT9163-50GGF Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
RT9163-50GGL RICHTEK-RT9163-50GGL Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
RT9163-50GGT RICHTEK-RT9163-50GGT Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
RT9163-50GL RICHTEK-RT9163-50GL Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
More results

Similar Description - RT9163-50CGL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
   500mA Low Dropout Positive Voltage Regulator
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163_07 Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1115 TSC-TS1115_09 Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS1115 TSC-TS1115 Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com