Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9163-33CGT Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9163-33CGT
Description  500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9163-33CGT Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9163-33CGT Datasheet HTML 1Page - Richtek Technology Corporation RT9163-33CGT Datasheet HTML 2Page - Richtek Technology Corporation RT9163-33CGT Datasheet HTML 3Page - Richtek Technology Corporation RT9163-33CGT Datasheet HTML 4Page - Richtek Technology Corporation RT9163-33CGT Datasheet HTML 5Page - Richtek Technology Corporation RT9163-33CGT Datasheet HTML 6Page - Richtek Technology Corporation RT9163-33CGT Datasheet HTML 7Page - Richtek Technology Corporation RT9163-33CGT Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RT9163
DS9163-14 April 2002
www.richtek-ic.com.tw
3
Absolute Maximum Ratings
Input Voltage
15V
Power Dissipation, PD @ TA = 25
°C
TO-92
0.6W
SOT-89
0.5W
Package Thermal Resistance
TO-92,
θJA
160
°C/W
SOT-89,
θJC
100
°C/W
SOT-89,
θJA
300
°C/W
SOT-223,
θJC
15
°C/W
SOT-223,
θJA
60
°C/W
TO-252,
θJC
15
°C/W
TO-252,
θJA
56
°C/W
Operating Junction Temperature Range
−40°C to 125°C
Storage Temperature Range
−65°C to 150°C
Electrical Characteristics
(VIN = 5V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
RT9163-33
3.235
3.300
3.365
RT9163-35
3.430
3.500
3.570
Output Voltage
(1)
RT9163-50
VOUT
VIN = 7A
4.900
5.000
5.100
V
RT9163-33
RT9163-35
VIN = 5V ~ 15V
--
0.1
0.4
Line Regulation
(1)
RT9163-50
∆VLINE
VIN = 7V ~ 15V
--
0.1
0.4
%
Load Regulation
(1)
∆VLOAD IL = 0 ~ 500mA
--
0.2
0.4
%
Dropout Voltage
(2)
VDROP
∆VOUT = 1%
--
1.3
1.4
V
Current Limit
ILIMIT
Load = 1
550
--
--
mA
Quiescent Current
IQ
--
4.5
8
mA
Temperature Coefficient
TC
--
0.005
--
%/
°C
Temperature Stability
TS
--
0.5
--
%
RMS Output Noise
(3)
--
0.003
--
%/VOUT
Notes:
(1) Low duty cycle pulse tested with Kelvin connections.
(2) Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV below the
value measured with a 1V differential.
(3) Bandwidth of 10 Hz to 10 kHz.


Similar Part No. - RT9163-33CGT

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9163-33GG RICHTEK-RT9163-33GG Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
RT9163-33GGF RICHTEK-RT9163-33GGF Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
RT9163-33GGL RICHTEK-RT9163-33GGL Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
RT9163-33GGT RICHTEK-RT9163-33GGT Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
RT9163-33GL RICHTEK-RT9163-33GL Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
More results

Similar Description - RT9163-33CGT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
   500mA Low Dropout Positive Voltage Regulator
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163_07 Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1115 TSC-TS1115_09 Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS1115 TSC-TS1115 Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com