Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD42C440436SSOP Datasheet(PDF) 5 Page - AUK corp

Part # SD42C440436SSOP
Description  4Bit Single Chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD42C440436SSOP Datasheet(HTML) 5 Page - AUK corp

  SD42C440436SSOP Datasheet HTML 1Page - AUK corp SD42C440436SSOP Datasheet HTML 2Page - AUK corp SD42C440436SSOP Datasheet HTML 3Page - AUK corp SD42C440436SSOP Datasheet HTML 4Page - AUK corp SD42C440436SSOP Datasheet HTML 5Page - AUK corp SD42C440436SSOP Datasheet HTML 6Page - AUK corp SD42C440436SSOP Datasheet HTML 7Page - AUK corp SD42C440436SSOP Datasheet HTML 8Page - AUK corp SD42C440436SSOP Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
KSI-W031-000
5
I/O Address Map
SD42C/P4404
ADDRESS
Hardware Module Name
R/W
Addressing Unit
REMARKS
INITIAL
b3
b2
b1
b0
1 bit
4 bit
8bit
VALUE
318H
Stack pointer low (SPL)
R/W
O
Stack pointer low
E
319H
Stack pointer high (SPH)
R/W
O
stack pointer high
F
31AH
SP3
SP2
SP1
SP0
R/W
O
Stack Page Select Low (SPSL)
0
31BH
-
-
SP5
SP4
R/W
O
Stack Page Select High (SPSh)
0
31CH
AC
IS1
IS0
R/W
O
O
O
Psw low (PSWL)
0
31DH
CY
Z
OV
T
Psw high (PSWH)
0
326H
T/E counter mode register 1
W
326H.3
clock source select. counter start
00
327H
(TMOD1)
(ch1)
328H
T/E counter register 1
R
readable count value (ch1)
00
329H
(TMCNT1)
32AH
T/E reference register 1
W
count reference register (ch1)
FF
32BH
(TMREF1)
332H
Basic Timer mode register(BMOD)
R/W
332H.3
clock select, Bit start
0
334H
Basic interval timer count
R
readable count register
00
335H
register(BITCNT)
336H
Watch timer mode register
R/W
336H.3
clock/buzzer select. bit3
00
337H
(WMOD)
readable
386H
Adc8 mode register (ADCM8)
R/W
386H.3
O
analog input pin select. start &
00
387H
low 4bit readable
388H
Adc8 output latch (ADCOL8)
R
O
8bit conversion data
00
389H
3A0H
Power control register
O
system clock select, idle, stop
00
(PCON)
R/W
mode
3A2H
Operating mode register (SCMOD)
R/W
O
main/sub system clock select
0
3A4H
Clock output mode register
W
O
cpu clock output select, clock
00
(CLOMD)
out EN/DIS
3A8H
Serial interface mode register0
W
3A8H.3
O
receive/transmit mode. clock
00
3A9H
(SIOM0)
select
3AAH
Serial interface buffer0
R/W
serial shift register 0
XX
3ABH
(SBUFF0)
3B2H
Power on flag (PONF)
P/W
3B2H.0
O
power on reset flag
0
3C3H
IPSR3
IPSR2
IPSR1
IPSR0
3C4H
External interrupt mode register0
W
O
external interrupt 0 edge
00
(IMOD0)
detection
3C5H
External interrupt mode register1
W
O
external interrupt 1 edge
00
(IMOD1)
detection
3D8H
IEBT
IRQBT
R/W
O
O
Interrupt EN/IRQ flag
0
3D9H
IEAD8
IRQAD8
IEWT
IRQWT
R/W
O
O
Interrupt EN/IRQ flag
0
3DAH
IES0
IRQS0
R/W
O
O
Interrupt EN/IRQ flag
0
3DBH
IETC1
IRQTC1
R/W
O
O
Interrupt EN/IRQ flag
0
3DCH
IE1
IRQ1
IE0
IRQ0
R/W
O
O
Interrupt EN/IRQ flag
0


Similar Part No. - SD42C440436SSOP

ManufacturerPart #DatasheetDescription
logo
AUK corp
SD42C1008 AUK-SD42C1008 Datasheet
96Kb / 20P
   4Bit Single Chip Microcontroller
More results

Similar Description - SD42C440436SSOP

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DMC42C1106 DAEWOO-DMC42C1106 Datasheet
167Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C4008 DAEWOO-DMC42C4008 Datasheet
141Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C1008 DAEWOO-DMC42C1008 Datasheet
135Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C3008 DAEWOO-DMC42C3008 Datasheet
115Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C2008 DAEWOO-DMC42C2008 Datasheet
271Kb / 22P
   4Bit Single Chip Microcontroller
logo
AUK corp
SD42C1008 AUK-SD42C1008 Datasheet
96Kb / 20P
   4Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
W541C200 ETC1-W541C200 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
logo
AUK corp
SD6830 AUK-SD6830 Datasheet
122Kb / 34P
   4BIT MICROCONTROLLER
logo
Integral Corp.
IN5732 INTEGRAL-IN5732 Datasheet
111Kb / 4P
   4BIT SINGLE CHIP MICROCOMPUTER
logo
Hitachi Semiconductor
HD404240S HITACHI-HD404240S Datasheet
3Mb / 67P
   CMOS 4bit single-chip microcomputers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com