Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-5263 Datasheet(PDF) 4 Page - Stanford Microdevices

Part # SGA-5263
Description  DC-4500 mhz silicon GERMANIUM CASCADEABLE GAIN BLOCK
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SGA-5263 Datasheet(HTML) 4 Page - Stanford Microdevices

  SGA-5263 Datasheet HTML 1Page - Stanford Microdevices SGA-5263 Datasheet HTML 2Page - Stanford Microdevices SGA-5263 Datasheet HTML 3Page - Stanford Microdevices SGA-5263 Datasheet HTML 4Page - Stanford Microdevices SGA-5263 Datasheet HTML 5Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
4
522 Almanor Ave., Sunnyvale, CA 94085
EDS-101540 Rev A
Preliminary
SGA-5263 DC-4.5 GHz 3.4V SiGe Amplifier
Preliminary
0
10
20
30
40
0.1
1
1.9
2.8
3.7
25C
-40C
85C
0
5
10
15
20
0.1
1
1.9
2.8
3.7
25C
-40C
85C
-40
-30
-20
-10
0
0.1
1
1.9
2.8
3.7
4.6
5.5
25C
-40C
85C
-40
-30
-20
-10
0
0.1
1
1.9
2.8
3.7
4.6
5.5
25C
-40C
85C
-30
-20
-10
0
0.1
1
1.9
2.8
3.7
4.6
5.5
25C
-40C
85C
0
5
10
15
0.1
1
1.9
2.8
3.7
4.6
5.5
25C
-40C
85C
S22 vs. Temperature, I
D = 60mA
S11 vs. Temperature, I
D = 60mA
GHz
GHz
S21 vs. Temperature, I
D = 60mA
S12 vs. Temperature, I
D = 60mA
GHz
GHz
GHz
P1dB vs. Temperature, I
D = 60mA
GHz
IP3 vs. Temperature, I
D = 60mA


Similar Part No. - SGA-5263

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-5263 SIRENZA-SGA-5263 Datasheet
259Kb / 6P
   DC-4500 MHz, Silicon Germanium Cascadeable Gain Block
SGA-5263Z SIRENZA-SGA-5263Z Datasheet
259Kb / 6P
   DC-4500 MHz, Silicon Germanium Cascadeable Gain Block
More results

Similar Description - SGA-5263

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-0163 SIRENZA-SGA-0163 Datasheet
249Kb / 5P
   DC-4500 MHz, Silicon Germanium Cascadeable Gain Block
SGA-5263 SIRENZA-SGA-5263 Datasheet
259Kb / 6P
   DC-4500 MHz, Silicon Germanium Cascadeable Gain Block
logo
List of Unclassifed Man...
SGA-0363 ETC-SGA-0363 Datasheet
260Kb / 5P
   DC 5000 MHZ SILICON GERMANIUM CASCADEABLE GAIN BLOCK
SGA-3586 ETC-SGA-3586 Datasheet
249Kb / 5P
   DC-5000 MHz Silicon Germanium Cascadeable Gain Block
SGA-4563 ETC-SGA-4563 Datasheet
265Kb / 5P
   DC-2500 MHZ SILICON GERMANIUM CASCADEABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGA-0363 SIRENZA-SGA-0363 Datasheet
251Kb / 5P
   DC-5000 MHz, Silicon Germanium Cascadeable Gain Block
SGA-1163 SIRENZA-SGA-1163 Datasheet
321Kb / 7P
   DC-6000 MHz SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
SGA-7489 SIRENZA-SGA-7489 Datasheet
99Kb / 4P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
Stanford Microdevices
SGA-2386 STANFORD-SGA-2386 Datasheet
230Kb / 7P
   DC-2800 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-1263 STANFORD-SGA-1263 Datasheet
248Kb / 7P
   DC-4000 MHz Silicon Germanium HBT Cascadeable Gain Block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com