Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGW20N60 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SGW20N60
Description  Fast S-IGBT in NPT-technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SGW20N60 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SGW20N60 Datasheet HTML 1Page - Infineon Technologies AG SGW20N60 Datasheet HTML 2Page - Infineon Technologies AG SGW20N60 Datasheet HTML 3Page - Infineon Technologies AG SGW20N60 Datasheet HTML 4Page - Infineon Technologies AG SGW20N60 Datasheet HTML 5Page - Infineon Technologies AG SGW20N60 Datasheet HTML 6Page - Infineon Technologies AG SGW20N60 Datasheet HTML 7Page - Infineon Technologies AG SGW20N60 Datasheet HTML 8Page - Infineon Technologies AG SGW20N60 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SGP20N60
SGB20N60, SGW20N60
1
Mar-00
Fast S-IGBT in NPT-technology
G
C
E
• 75% lower E
off compared to previous generation combined with
low conduction losses
• Short circuit withstand time – 10 µs
• Designed for:
- Motor controls
- Inverter
• NPT-Technology for 600V applications offers:
- very tight parameter distribution
- high ruggedness, temperature stable behaviour
- parallel switching capability
Type
VCE
IC
VCE(sat)
Tj
Package
Ordering Code
SGP20N60
SGB20N60
SGW20N60
600V
20A
2.4V
150
°C
TO-220AB
TO-263AB
TO-247AC
Q67041-A4712-A2
Q67041-A4712-A4
Q67040-S4236
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCE
600
V
DC collector current
TC = 25
°C
TC = 100
°C
I C
40
20
Pulsed collector current, tp limited by Tjmax
I Cp ul s
80
Turn off safe operating area
VCE
≤ 600V, T
j
≤ 150°C
-
80
A
Gate-emitter voltage
VGE
±20
V
Avalanche energy, single pulse
IC = 20 A, VCC = 50 V, RGE = 25
Ω,
start at Tj = 25
°C
EAS
115
mJ
Short circuit withstand time
1)
VGE = 15V, VCC
≤ 600V, T
j
≤ 150°C
t SC
10
µs
Power dissipation
TC = 25
°C
Ptot
179
W
Operating junction and storage temperature
T j , T stg
-55...+150
°C
1) Allowed number of short circuits: <1000; time between short circuits: >1s.


Similar Part No. - SGW20N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGW20N60 FAIRCHILD-SGW20N60 Datasheet
538Kb / 7P
   Short Circuit Rated IGBT
logo
Infineon Technologies A...
SGW20N60 INFINEON-SGW20N60 Datasheet
364Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.4 Nov 09
SGW20N60HS INFINEON-SGW20N60HS Datasheet
388Kb / 12P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev 2.5 Nov 09
SGW20N60HS INFINEON-SGW20N60HS Datasheet
426Kb / 11P
   High Speed IGBT in NPT-technology
Rev.2 Aug-02
logo
Fairchild Semiconductor
SGW20N60RUF FAIRCHILD-SGW20N60RUF Datasheet
538Kb / 7P
   Short Circuit Rated IGBT
More results

Similar Description - SGW20N60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP02N120 INFINEON-SGP02N120 Datasheet
386Kb / 12P
   Fast S-IGBT in NPT-technology
Mar-00
SGP06N60 INFINEON-SGP06N60 Datasheet
396Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW02N120 INFINEON-SGW02N120_06 Datasheet
813Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2.1 Feb 06
SGP30N60 INFINEON-SGP30N60_08 Datasheet
335Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.4 Sep. 08
SGW15N120 INFINEON-SGW15N120 Datasheet
460Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP04N60 INFINEON-SGP04N60 Datasheet
391Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGB15N120 INFINEON-SGB15N120_07 Datasheet
841Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2_2 Apr 07
SGP10N60A INFINEON-SGP10N60A Datasheet
401Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW30N60 INFINEON-SGW30N60 Datasheet
425Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP06N60 INFINEON-SGP06N60_07 Datasheet
346Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.2 Sep 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com