Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1307DL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI1307DL
Description  P-Channel 1.8-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1307DL Datasheet(HTML) 1 Page - Vishay Siliconix

  SI1307DL Datasheet HTML 1Page - Vishay Siliconix SI1307DL Datasheet HTML 2Page - Vishay Siliconix SI1307DL Datasheet HTML 3Page - Vishay Siliconix SI1307DL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Si1307DL
Vishay Siliconix
New Product
Document Number: 71077
S-63637—Rev. A, 01-Nov-99
www.vishay.com
S FaxBack 408-970-5600
2-1
P-Channel 1.8-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
12
0.290 @ VGS = –4.5 V
"0.91
–12
0.435 @ VGS = –2.5 V
"0.74
0.580 @ VGS = –1.8 V
"0.64
SOT-323
SC-70 (3-LEADS)
1
2
3
Top View
G
S
D
LC
XX
Lot Traceability
and Date Code
Part # Code
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
–12
V
Gate-Source Voltage
VGS
"8
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
"0.91
"0.85
A
Continuous Drain Current (TJ = 150 C)a
TA = 70_C
ID
"0.72
"0.68
A
Pulsed Drain Current
IDM
"3
A
Continuous Diode Current (Diode Conduction)a
IS
–0.28
–0.24
Maximum Power Dissipationa
TA = 25_C
PD
0.34
0.29
W
Maximum Power Dissipationa
TA = 70_C
PD
0.22
0.19
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
v 5 sec
RthJA
315
375
_C/W
Maximum Junction-to-Ambienta
Steady State
RthJA
360
430
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
285
340
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - SI1307DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1307DL-T1-E3 VISHAY-SI1307DL-T1-E3 Datasheet
101Kb / 5P
   P-Channel 1.8 V (G-S) MOSFET
Rev. B, 29-Mar-10
More results

Similar Description - SI1307DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com