Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC082S021CIMM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC082S021CIMM
Description  2 Channel, 200 KSPS, 8-Bit A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC082S021CIMM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC082S021CIMM Datasheet HTML 6Page - National Semiconductor (TI) ADC082S021CIMM Datasheet HTML 7Page - National Semiconductor (TI) ADC082S021CIMM Datasheet HTML 8Page - National Semiconductor (TI) ADC082S021CIMM Datasheet HTML 9Page - National Semiconductor (TI) ADC082S021CIMM Datasheet HTML 10Page - National Semiconductor (TI) ADC082S021CIMM Datasheet HTML 11Page - National Semiconductor (TI) ADC082S021CIMM Datasheet HTML 12Page - National Semiconductor (TI) ADC082S021CIMM Datasheet HTML 13Page - National Semiconductor (TI) ADC082S021CIMM Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Typical Performance Characteristics T
A = +25˚C, fSAMPLE = 50 kSPS to 200 kSPS, fSCLK = 0.8 MHz
to 3.2 MHz, f
IN = 39.9 kHz unless otherwise stated. (Continued)
SNR vs. Supply
THD vs. Supply
20124830
20124835
SNR vs. Clock Frequency
THD vs. Clock Frequency
20124831
20124836
SNR vs. Clock Duty Cycle
THD vs. Clock Duty Cycle
20124832
20124837
www.national.com
10


Similar Part No. - ADC082S021CIMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC082S021CIMM/NOPB TI1-ADC082S021CIMM/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC082S021CIMMX/NOPB TI1-ADC082S021CIMMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results

Similar Description - ADC082S021CIMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S021 TI1-ADC082S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC122S021 NSC-ADC122S021 Datasheet
905Kb / 19P
   2 Channel, 200 KSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com