Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM24LC16S Datasheet(PDF) 9 Page - Anachip Corp

Part # AM24LC16S
Description  2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM24LC16S Datasheet(HTML) 9 Page - Anachip Corp

Back Button AM24LC16S Datasheet HTML 2Page - Anachip Corp AM24LC16S Datasheet HTML 3Page - Anachip Corp AM24LC16S Datasheet HTML 4Page - Anachip Corp AM24LC16S Datasheet HTML 5Page - Anachip Corp AM24LC16S Datasheet HTML 6Page - Anachip Corp AM24LC16S Datasheet HTML 7Page - Anachip Corp AM24LC16S Datasheet HTML 8Page - Anachip Corp AM24LC16S Datasheet HTML 9Page - Anachip Corp AM24LC16S Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
AM24LC16
Anachip Corp.
www.anachip.com.tw
Rev. A1 Oct 20, 2003
9/10
ATC
Package Diagrams
(1)Plastic Dual-in-line package: PDIP-8L
D
7 (4X)
B2
B1
B
e
S
15 (4X)
E
C
eB
E-PIN O0.118 inch
PIN #1 INDENT O0.025 DEEP 0.006-0.008 inch
Dimensions in millimeters
Dimensions in inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
5.33
-
-
0.210
A1
0.38
-
-
0.015
-
-
A2
3.1
3.30
3.5
0.122
0.130
0.138
B
0.36
0.46
0.56
0.014
0.018
0.022
B1
1.4
1.52
1.65
0.055
0.060
0.065
B2
0.81
0.99
1.14
0.032
0.039
0.045
C
0.20
0.25
0.36
0.008
0.010
0.014
D
9.02
9.27
9.53
0.355
0.365
0.375
E
7.62
7.94
8.26
0.300
0.313
0.325
E1
6.15
6.35
6.55
0.242
0.250
0.258
e
-
2.54
-
-
0.100
-
L
2.92
3.3
3.81
0.115
0.130
0.150
eB
8.38
8.89
9.40
0.330
0.350
0.370
S
0.71
0.84
0.97
0.028
0.033
0.038


Similar Part No. - AM24LC16S

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
More results

Similar Description - AM24LC16S

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM93LC56 ANACHIP-AM93LC56 Datasheet
191Kb / 10P
   2048-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM24LC02 ETC-AM24LC02 Datasheet
171Kb / 12P
   2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
logo
National Semiconductor ...
NMC2816 NSC-NMC2816 Datasheet
423Kb / 6P
   16K (2K X 8) ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
AM24LC08 ANACHIP-AM24LC08 Datasheet
202Kb / 10P
   2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
   16384-bits Serial Electrically Erasable PROM
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
   4096-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com