Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM24LC16N Datasheet(PDF) 4 Page - Anachip Corp

Part # AM24LC16N
Description  2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM24LC16N Datasheet(HTML) 4 Page - Anachip Corp

  AM24LC16N Datasheet HTML 1Page - Anachip Corp AM24LC16N Datasheet HTML 2Page - Anachip Corp AM24LC16N Datasheet HTML 3Page - Anachip Corp AM24LC16N Datasheet HTML 4Page - Anachip Corp AM24LC16N Datasheet HTML 5Page - Anachip Corp AM24LC16N Datasheet HTML 6Page - Anachip Corp AM24LC16N Datasheet HTML 7Page - Anachip Corp AM24LC16N Datasheet HTML 8Page - Anachip Corp AM24LC16N Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
AM24LC16
Anachip Corp.
www.anachip.com.tw
Rev. A1 Oct 20, 2003
4/10
ATC
Pin Descriptions
Serial Clock (SCL)
The SCL input is used to clock all data into and out
of the device.
Serial Data (SDA)
SDA is a bidirection pin used to transfer data or
security bit into and out of the device.
It is an open drain output and may be wire-ORed
with any number of open drain or open collector
outputs. Thus, the SDA bus requires a pull-up
resistor to Vcc (typical 4.7KΩ for 100KHz, 1 KΩ
for 400KHz).
Device Address Inputs (A0, A1, A2)
The following table (Table A) shows the active pins
across the AM24LCXX device family.
Table A
Device
A0
A1
A2
AM24LC02
ADR
ADR
ADR
AM24LC04
XP
ADR
ADR
AM24LC08
XP
XP
ADR
AM24LC16
XP
XP
XP
ADR indicates the device address pin.
XP indicates that device address pin don’t care but
refers to an internal PAGE BLOCK memory
segment.
Write Protection (WP)
If WP is connected to Vcc, PROGRAM operation
onto the whole memory will not be executed. READ
operations are possible. If WP is connected to Vss,
normal memory operation is enabled, READ/WRITE
over the entire memory is possible.
Functional Description
Applications
ATC’s electrically erasable programmable read only
memories (EEPROMs) offer valuable security
features including write protect function , two write
modes ,three read modes, and a wide variety of
memory size. Typical applications for the I
2
C bus
and
AM24LCXX
memories
are
included
in
SANs(small-area-networks),
stereos,
televisions,
automobiles and other scaled-down systems that
don't require tremendous speeds but instead cost
efficiency and design simplicity.
Endurance and Data Retention
The AM24LC16 is designed for applications
requiring up to 1KK programming cycles (BYTE
WRITE and PAGE WRITE). It provides 40 years of
secure data retention without power.
Device Operation
The AM24LC16 supports a bidirectional bus
oriented protocol. The protocol defines any device
that sends data onto the bus as a transmitter and
the receiving device as the receiver. The device
controlling the transfer is the master and the device
that is controlled is the slave. The master will always
initiate data transfers and provide the clock for both
transmit and receive operations. Therefore, the
AM24LC16 is considered a slave in all applications.
Clock and Data Conventions
Data states on the SDA line can change only during
SCL LOW. SDA state changes during SCL HIGH
are reserved for indicating start and stop conditions.
(Shown in Figures 1 and 2)
Start Condition
A HIGH to LOW transition of the SDA line while the
clock (SCL) is HIGH determines a START condition.
All commands must be preceded by a START
condition. (Shown in Figure 2)
Stop Condition
A LOW to HIGH transition of the SDA line while the
clock (SCL) is HIGH determines a STOP condition.
All operations must be ended with a STOP condition.
(Shown in Figure 2)
Acknowledge
Each receiving device, when addressed, is obliged
to generate an acknowledge after the reception of
each byte. The master device must generate an
extra clock pulse which is associated with this
acknowledge bit. The device that acknowledges,
has to pull down the SDA line during the
acknowledge clock pulse in such a way that the
SDA line is stable LOW during the HIGH period of
the acknowledge related clock pulse. Of course,
setup and hold times must be taken into account. A
master must signal an end of data to the slave by
not generating an acknowledge bit on the last byte
that has been clocked out of the slave. In this case,
the slave must leave the data line HIGH to enable
the master to generate the STOP condition. (Shown
in Figure 3)


Similar Part No. - AM24LC16N

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
More results

Similar Description - AM24LC16N

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM93LC56 ANACHIP-AM93LC56 Datasheet
191Kb / 10P
   2048-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM24LC02 ETC-AM24LC02 Datasheet
171Kb / 12P
   2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
logo
National Semiconductor ...
NMC2816 NSC-NMC2816 Datasheet
423Kb / 6P
   16K (2K X 8) ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
AM24LC08 ANACHIP-AM24LC08 Datasheet
202Kb / 10P
   2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
   16384-bits Serial Electrically Erasable PROM
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
   4096-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com