Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM24LC16N Datasheet(PDF) 1 Page - Anachip Corp

Part # AM24LC16N
Description  2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM24LC16N Datasheet(HTML) 1 Page - Anachip Corp

  AM24LC16N Datasheet HTML 1Page - Anachip Corp AM24LC16N Datasheet HTML 2Page - Anachip Corp AM24LC16N Datasheet HTML 3Page - Anachip Corp AM24LC16N Datasheet HTML 4Page - Anachip Corp AM24LC16N Datasheet HTML 5Page - Anachip Corp AM24LC16N Datasheet HTML 6Page - Anachip Corp AM24LC16N Datasheet HTML 7Page - Anachip Corp AM24LC16N Datasheet HTML 8Page - Anachip Corp AM24LC16N Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
AM24LC16
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.A1 Oct 20, 2003
1/10
ATC
Features
• State- of- the- Art Architecture
- Non-volatile data storage
- Full range Vcc = 2.7V to 5.5V
• 2 wire I
2C serial interface
- Provides bi-directional data transfer protocol
• Hard-ware Write Protection
- With WP PIN to disable programming command
• 16 bytes page write mode
- Minimizes total write time per word
• Self-timed write-cycle(including auto-erase)
• Durable and Reliable
- 40 years data retention
- Minimum of 1M write/erase cycles per word
- Unlimited read cycles
- ESD protection
• Low standby current
• Package: PDIP-8L, SOP-8L
Connection Diagram
VCC
WP
SCL
SDA
NC
NC
NC
VSS
PDIP / SOP
8
7
6
5
1
2
3
4
General Description
The AM24LC16 is a non-volatile, 16384-bit serial
EEPROM with enhanced security device and
conforms to all specifications in I
2C 2 wire protocol.
The whole memory can be disabled (Write Protected)
by connecting the WP pin to Vcc. This section of
memory then becomes unalterable unless WP is
switched to Vss. The AM24LC16's communication
protocol uses CLOCK (SCL) and DATA I/O (SDA)
lines to synchronously clock data between the
master (for example: a microcomputer)and the slave
EEPROM devices (s).
Anachip EEPROMs are designed and tested for
application requiring high endurance, high reliability,
and low power consumption.
Pin Assignments
Name
Description
NC
No connect
VSS
Ground
SDA
Data I/O
SCL
Clock input
WP
Write protect
VCC
Power pin
Ordering Information
Type
Package
16 =16K
S : SOP-8L
N: PDIP-8L
Temp. grade
AM 24 LC 16 X X X
Packing
Blank :
C
o
70
~
C
o
0
+
I
:
C
o
85
~
C
o
40
+
V
:
C
o
125
~
C
o
40
+
Blank : Tube
A: Taping
Operating Voltage
LC: 2.7~5.5V, CMOS


Similar Part No. - AM24LC16N

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
More results

Similar Description - AM24LC16N

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM93LC56 ANACHIP-AM93LC56 Datasheet
191Kb / 10P
   2048-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM24LC02 ETC-AM24LC02 Datasheet
171Kb / 12P
   2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
logo
National Semiconductor ...
NMC2816 NSC-NMC2816 Datasheet
423Kb / 6P
   16K (2K X 8) ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
AM24LC08 ANACHIP-AM24LC08 Datasheet
202Kb / 10P
   2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
   16384-bits Serial Electrically Erasable PROM
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
   4096-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com