Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1388Z-5 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1388Z-5
Description  I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1388Z-5 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1388Z-5 Datasheet HTML 2Page - Maxim Integrated Products DS1388Z-5 Datasheet HTML 3Page - Maxim Integrated Products DS1388Z-5 Datasheet HTML 4Page - Maxim Integrated Products DS1388Z-5 Datasheet HTML 5Page - Maxim Integrated Products DS1388Z-5 Datasheet HTML 6Page - Maxim Integrated Products DS1388Z-5 Datasheet HTML 7Page - Maxim Integrated Products DS1388Z-5 Datasheet HTML 8Page - Maxim Integrated Products DS1388Z-5 Datasheet HTML 9Page - Maxim Integrated Products DS1388Z-5 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
I2C RTC/Supervisor with Trickle Charger
and 512 Bytes EEPROM
6
_____________________________________________________________________
WARNING: Under no circumstances are negative undershoots, of any
amplitude, allowed when device is in write protection.
Note 1:
Limits at -40°C are guaranteed by design and are not production tested.
Note 2:
All voltages are referenced to ground.
Note 3:
Measured at VCC = typ, VBACKUP = 0V, register 0Ah, block 0h = A5h.
Note 4:
The use of the 250
Ω trickle-charge resistor is not allowed at VCC > 3.63V and should not be enabled.
Note 5:
Measured at VCC = typ, VBACKUP = 0V, register 0Ah, block 0h = A6h.
Note 6:
Measured at VCC = typ, VBACKUP = 0V, register 0Ah, block 0h = A7h.
Note 7:
The RST pin has an internal 50k
Ω pullup resistor to VCC.
Note 8:
ICCA—SCL clocking at max frequency = 400kHz.
Note 9:
Specified with I2C bus inactive.
Note 10: Measured with a 32.768kHz crystal attached to X1 and X2.
Note 11: After this period, the first clock pulse is generated.
Note 12: A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIHMIN of the SCL signal)
to bridge the undefined region of the falling edge of SCL.
Note 13: The maximum tHD:DAT need only be met if the device does not stretch the LOW period (tLOW) of the SCL signal.
Note 14: A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT
≥ 250ns must then be met. This
is automatically the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the
LOW period of the SCL signal, it must output the next data bit to the SDA line tR(MAX) + tSU:DAT = 1000 + 250 = 1250ns
before the SCL line is released.
Note 15: CB—total capacitance of one bus line in pF.
Note 16: The parameter tOSF is the period of time that the oscillator must be stopped for the OSF flag to be set over the voltage
range of 0V
≤ VCC ≤ VCC(MAX) and 1.3V ≤ VBACKUP ≤ 3.7V.
Note 17: If the oscillator is disabled or stopped, RST goes inactive after tRST plus the startup time of the oscillator.


Similar Part No. - DS1388Z-5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1388Z-5++ MAXIM-DS1388Z-5+ Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
More results

Similar Description - DS1388Z-5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com