Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5524IREZ-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5524IREZ-T7
Description  Integrated Buffers with VCOM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5524IREZ-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5524IREZ-T7 Datasheet HTML 1Page - Intersil Corporation EL5524IREZ-T7 Datasheet HTML 2Page - Intersil Corporation EL5524IREZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5524IREZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5524IREZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5524IREZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5524IREZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5524IREZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5524IREZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
DYNAMIC PERFORMANCE (BUFFER AMPLIFIERS)
SR
Slew Rate (Note 2)
-4V
≤ VOUT ≤ 4V, 20% to 80%
7
15
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO = 2V step
250
ns
BW
-3dB Bandwidth
RL = 10kΩ, CL = 10pF
12
MHz
GBWP
Gain-Bandwidth Product
RL = 10kΩ, CL = 10pF
8
MHz
PM
Phase Margin
RL = 10kΩ, CL = 10pF
50
°
CS
Channel Separation
f = 5MHz
75
dB
DYNAMIC PERFORMANCE (VCOM AMPLIFIERS)
SR
Slew Rate (Note 2)
-4V
≤ VOUT ≤ 4V, 20% to 80%
65
90
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO = 6V step
150
ns
BW
-3dB Bandwidth
RL = 1kΩ, CL = 2pF
35
MHz
GBWP
Gain-Bandwidth Product
RL = 1kΩ, CL = 2pF
20
MHz
PM
Phase Margin
RL = 1kΩ, CL = 2pF
50
°
NOTES:
1. Measured over operating temperature range
2. Slew rate is measured on rising and falling edges
Electrical Specifications
VS+ = +15V, VS- = 0, RL = 10kΩ, CL = 10pF to 0V, Gain of VCOM = 1, RLVCM = 1kΩ and
TA = 25°C Unless Otherwise Specified (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
EL5524, EL5624, EL5724, EL5824


Similar Part No. - EL5524IREZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5524IREZ-T7 RENESAS-EL5524IREZ-T7 Datasheet
617Kb / 11P
   Integrated Buffers with VCOM
More results

Similar Description - EL5524IREZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5524 RENESAS-EL5524 Datasheet
617Kb / 11P
   Integrated Buffers with VCOM
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
ADD8707 AD-ADD8707 Datasheet
654Kb / 20P
   12-Channel Gamma Buffers with VCOM and Regulator
REV. A
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
   Programmable Gamma and VCOM Buffers
logo
Analog Devices
ADD8707 AD-ADD8707_15 Datasheet
661Kb / 20P
   12-Channel Gamma Buffers with VCOM and Regulator
REV. A
logo
Intersil Corporation
ISL24003 INTERSIL-ISL24003 Datasheet
535Kb / 10P
   Multi-Channel Buffers Plus VCOM Driver
logo
Renesas Technology Corp
ISL24003 RENESAS-ISL24003 Datasheet
698Kb / 10P
   Multi-Channel Buffers Plus VCOM Driver
logo
Maxim Integrated Produc...
MAX9550 MAXIM-MAX9550_07 Datasheet
497Kb / 12P
   High-Current VCOM Drive Buffers for TFT LCDs
Rev 3; 10/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com