Electronic Components Datasheet Search |
|
MAX1026 Datasheet(PDF) 7 Page - Maxim Integrated Products |
|
MAX1026 Datasheet(HTML) 7 Page - Maxim Integrated Products |
7 / 24 page 10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference _______________________________________________________________________________________ 7 4.051 4.050 4.049 4.048 4.047 -40 10 -15 356085 INTERNAL REFERENCE VOLTAGE vs. TEMPERATURE TEMPERATURE ( °C) 0 0.2 0.1 0.4 0.3 0.5 0.6 4.75 4.95 4.85 5.05 5.15 5.25 OFFSET ERROR vs. SUPPLY VOLTAGE SUPPLY VOLTAGE (V) 0 0.2 0.1 0.4 0.3 0.5 0.6 -40 10 -15 35 60 85 OFFSET ERROR vs. TEMPERATURE TEMPERATURE ( °C) -1.0 -0.5 0 0.5 GAIN ERROR vs. SUPPLY VOLTAGE SUPPLY VOLTAGE (V) 4.75 4.85 5.05 5.25 5.15 4.95 -1.0 -0.5 0 0.5 GAIN ERROR vs. TEMPERATURE TEMPERATURE ( °C) -40 -15 35 85 60 10 Typical Operating Characteristics (continued) (VDD = +5V, VREF = +4.096V, fSCLK = 4.8MHz, CLOAD = 30pF, TA = +25°C, unless otherwise noted.) -1.00 -0.50 0.50 0.25 -0.25 -0.75 0 1.00 0.75 TEMPERATURE SENSOR ERROR vs. TEMPERATURE TEMPERATURE ( °C) -40 -15 35 85 60 10 GRADE A GRADE B -5 -3 -4 -1 -2 0 1 04 26 8 10 SAMPLING ERROR vs. SOURCE IMPEDANCE SOURCE IMPEDANCE (k Ω) |
Similar Part No. - MAX1026 |
|
Similar Description - MAX1026 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |