Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1480ECCPI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1480ECCPI
Description  15kV ESD-Protected, Isolated RS-485/RS-422
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1480ECCPI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1480ECCPI Datasheet HTML 7Page - Maxim Integrated Products MAX1480ECCPI Datasheet HTML 8Page - Maxim Integrated Products MAX1480ECCPI Datasheet HTML 9Page - Maxim Integrated Products MAX1480ECCPI Datasheet HTML 10Page - Maxim Integrated Products MAX1480ECCPI Datasheet HTML 11Page - Maxim Integrated Products MAX1480ECCPI Datasheet HTML 12Page - Maxim Integrated Products MAX1480ECCPI Datasheet HTML 13Page - Maxim Integrated Products MAX1480ECCPI Datasheet HTML 14Page - Maxim Integrated Products MAX1480ECCPI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
±15kV ESD-Protected, Isolated RS-485/RS-422
Data Interfaces
______________________________________________________________________________________
11
MAX1480EC/MAX1490EB:
Reduced EMI and Reflections
The MAX1480EC/MAX1490EB are slew-rate-limited,
minimizing EMI and reducing reflections caused by
improperly terminated cables. Figure 11 shows both
the driver output waveform of a MAX1480EA/
MAX1490EA transmitting a 150kHz signal and the
Fourier analysis of that waveform. High-frequency har-
monics with large amplitudes are evident. Figure 12
shows the same information for the slew-rate-limited
MAX1480EC/MAX1490EB transmitting the same signal.
The high-frequency harmonics have much lower ampli-
tudes, and therefore the potential for EMI is significantly
reduced.
Driver Output Protection
There are two mechanisms to prevent excessive output
current and power dissipation caused by faults or by
bus contention. A foldback current limit on the output
stage provides immediate protection against short cir-
SHIELD (OPTIONAL)
EXTERNAL RS-485/RS-422 WIRING
A
RL
RL
B
Z
Y
RL
RL
R3*
R4*
R5, 100
SH1
SH2
R1*
R2*
R6, 100
DI
´
VIN
+5V
C1
22
µF
C2
0.1
µF
LOGIC GROUND
ISOLATION BARRIER
ISOLATED COMMON
DRIVER INPUT
RECEIVER OUTPUT
DI
RO
74HC86
OR EQUIVALENT
MAX845
N
MAX1490EA: MAX490E
MAX1490EB: MAX488E
ISO DI DRV
ISO RO DRV
A
B
Z
Y
D
R
N
Q
Q
T F/F
VCC3
FS
OSC
1.07MHz/
1.45MHz
SD
GND1
D2
D1
SHIELD (OPTIONAL)
NOTE: RESISTORS R5 AND R6 PROTECT
THE MAX1490EA/MAX1490EB FROM
TRANSIENT CURRENTS BETWEEN SHIELD AND
TRANSMISSION LINES.
TWISTED PAIR
TO OTHER TRANSCEIVERS
TERMINATING RESISTOR
(ONE RESISTOR ON EACH END)
TWISTED PAIR
TO OTHER TRANSCEIVERS
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
AC1 (MAKE NO CONNECTION)
AC2 (MAKE NO CONNECTION)
ISO VCC1
ISO RO DRV
D2
D1
VCC2
VCC1
A
B
Z
Y
VCC3
SD
FS
GND1
16
15
14
13
9
10
11
12
ISO COM1
ISO DI DRV
ISO VCC2
ISO RO LED
GND2
R0
VCC4
DI
MAX1490EA/
MAX1490EB
*SEE TABLE 2.
270 pF
4kV
Figure 2. MAX1490EA/MAX1490EB Detailed Block Diagram and Typical Application Circuit
Table 2. Pullup and LED Drive Resistors for Figure 2
MAX1490EB
200
3000
330
3000
1000
330
1000
200
MAX1490EA
R4 (
Ω)
R3 (
Ω)
R2 (
Ω)
R1 (
Ω)
PART


Similar Part No. - MAX1480ECCPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1480 MAXIM-MAX1480 Datasheet
487Kb / 21P
   Complete, Isolated RS-485/RS-422 Data Interface
Rev 4; 10/03
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14800CCM++ MAXIM-MAX14800CCM+ Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800CCM++ MAXIM-MAX14800CCM+ Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
More results

Similar Description - MAX1480ECCPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3480EA MAXIM-MAX3480EA Datasheet
280Kb / 16P
   -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com