Selected language     English  ▼


MAX9994 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX9994
Description  SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 1 page
background image
General Description
The MAX9994 high-linearity downconversion mixer pro-
vides 8.3dB gain, +26.2dBm IIP3, and 9.7dB NF for
1700MHz to 2200MHz UMTS/WCDMA, DCS, and PCS
base-station receiver applications. With a 1400MHz to
2000MHz LO frequency range, this particular mixer is
ideal for low-side LO injection receiver architectures.
High-side LO injection is supported by the MAX9996*,
which is pin-for-pin and functionally compatible with the
MAX9994.
In addition to offering excellent linearity and noise per-
formance, the MAX9994 also yields a high level of com-
ponent integration. This device includes a double-
balanced passive mixer core, an IF amplifier, a dual-
input LO selectable switch, and an LO buffer. On-chip
baluns are also integrated to allow for single-ended RF
and LO inputs. The MAX9994 requires a nominal LO
drive of 0dBm, and supply current is guaranteed to be
below 235mA.
The MAX9994/MAX9996 are pin compatible with the
MAX9984/MAX9986 815MHz to 995MHz mixers, mak-
ing this entire family of downconverters ideal for appli-
cations where a common PC board layout is used for
both frequency bands. The MAX9994 is also functional-
ly compatible with the MAX9993.
The MAX9994 is available in a compact, 20-pin, thin
QFN package (5mm x 5mm) with an exposed paddle.
Electrical performance is guaranteed over the extended
-40°C to +85°C temperature range.
Applications
UMTS/WCDMA Base Stations
DCS1800/PCS1900 EDGE Base Stations
cdmaOne™ and cdma2000® Base Stations
PHS/PAS Base Stations
Predistortion Receivers
Fixed Broadband Wireless Access
Wireless Local Loop
Private Mobile Radios
Military Systems
Microwave Links
Digital and Spread-Spectrum Communication
Systems
Features
o 1700MHz to 2200MHz RF Frequency Range
o 1400MHz to 2000MHz LO Frequency Range
(MAX9994)
o 1900MHz to 2400MHz LO Frequency Range
(MAX9996)
o 40MHz to 350MHz IF Frequency Range
o 8.3dB Conversion Gain
o +26.2dBm Input IP3
o +12.6dBm Input 1dB Compression Point
o 9.7dB Noise Figure
o 67dBc 2RF - 2LO Spurious Rejection at
PRF = -10dBm
o Integrated LO Buffer
o Integrated RF and LO Baluns for Single-Ended
Inputs
o Low -3dBm to +3dBm LO Drive
o Built-In SPDT LO Switch with 45dB LO1 to LO2
Isolation and 50ns Switching Time
o Pin Compatible with MAX9984/MAX9986 815MHz
to 995MHz Mixers
o Functionally Compatible with MAX9993
o External Current-Setting Resistors Provide Option
for Operating Mixer in Reduced Power/Reduced
Performance Mode
o Lead-Free Package Available
SiGe High-Linearity, 1700MHz to 2200MHz
Downconversion Mixer with LO Buffer/Switch
________________________________________________________________ Maxim Integrated Products
1
Pin Configuration/Functional Diagram and Typical
Application Circuit appear at end of data sheet.
19-3435; Rev 0; 10/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Ordering Information
**EP = Exposed paddle.
+ = Lead free. D = Dry pack.
PART
TEMP RANGE
PIN-PACKAGE
PKG
CODE
MAX9994ETP
-40
°C to +85°C
20 Thin QFN-EP**
5mm
× 5mm
bulk
T2055-3
MAX9994ETP-T
-40
°C to +85°C
20 Thin QFN-EP**
5mm
× 5mm
T/R
T2055-3
MAX9994ETP+D
-40
°C to +85°C
20 Thin QFN-EP**
5mm
× 5mm
lead-free bulk
T2055-3
MAX9994ETP+TD -40
°C to +85°C
20 Thin QFN-EP**
5mm
× 5mm
lead-free T/R
T2055-3
cdma2000 is a registered trademark of Telecommunications
Industry Association.
cdmaOne is a trademark of CDMA Development Group.
*Future product—contact factory for availability.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2039High-Linearity 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9993High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX20591700MHz to 2200MHz High-Linearity SPI-Controlled DVGA with Integrated Loopback Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX2041High-Linearity 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2320Adjustable High-Linearity SiGe Dual-Band LNA/Mixer ICs 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl