Selected language     English  ▼


MAX9994 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX9994
Description  SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 2 page
background image
SiGe High-Linearity, 1700MHz to 2200MHz
Downconversion Mixer with LO Buffer/Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(MAX9994 Typical Application Circuit, VCC = +4.75V to +5.25V, no RF signal applied, IF+ and IF- outputs pulled up to VCC through
inductive chokes, R1 = 806
Ω, R2 = 549Ω, TC = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +5V, TC =
+25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +5.5V
IF+, IF-, LOBIAS, LOSEL, IFBIAS to GND...-0.3V to (VCC + 0.3V)
TAP ........................................................................-0.3V to +1.4V
LO1, LO2, LEXT to GND........................................-0.3V to +0.3V
RF, LO1, LO2 Input Power .............................................+12dBm
RF (RF is DC shorted to GND through a balun) .................50mA
Continuous Power Dissipation (TA = +70°C)
20-Pin Thin QFN-EP (derate 20mW/°C above +70°C)..............1.8W
θJA .................................................................................+38°C/W
θJC ...................................................................................+8°C/W
Operating Temperature Range (Note A) ....TC = -40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering 10s) ..................................+300°C
Note A: TC is the temperature on the exposed paddle of the package.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
4.75
5.00
5.25
V
Supply Current
ICC
206
235
mA
LO_SEL Input-Logic Low
VIL
0.8
V
LO_SEL Input-Logic High
VIH
2V
AC ELECTRICAL CHARACTERISTICS
(MAX9994 Typical Application Circuit, VCC = +4.75V to +5.25V, RF and LO ports are driven from 50
Ω sources, PLO = -3dBm to
+3dBm, PRF = -5dBm, fRF = 1700MHz to 2200MHz, fLO = 1400MHz to 2000MHz, fIF = 200MHz, fRF > fLO, TC = -40°C to +85°C,
unless otherwise noted. Typical values are at VCC = +5V, PRF = -5dBm, PLO = 0dBm, fRF = 1900MHz, fLO = 1700MHz, fIF = 200MHz,
TC = +25°C, unless otherwise noted.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF Frequency Range
fRF
(Note 3)
1700
2200
MHz
(Note 3)
1400
2000
LO Frequency Range
fLO
MAX9996
1900
2400
MHz
IF Frequency Range
fIF
40
350
MHz
Conversion Gain
GC
PRF < +2dBm, TA = +25
°C (Note 4)
7.2
8.3
9.2
dB
Gain Variation Over Temperature
TC = -40
°C to +85°C
±0.75
dB
Input Compression Point
P1dB
(Note 5)
12.6
dBm
Input Third-Order Intercept Point
(Note 4)
IIP3
Two tones:
fRF1 = 2000MHz, fRF2 = 2001MHz,
PRF = -5dBm/tone, fLO = 1800MHz,
PLO = 0dBm, TA = +25
°C
23.5
26.2
dBm
Input IP3 Variation Over
Temperature
TC = -40
°C to +85°C
±0.5
dB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2039High-Linearity 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9993High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX20591700MHz to 2200MHz High-Linearity SPI-Controlled DVGA with Integrated Loopback Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX2041High-Linearity 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2320Adjustable High-Linearity SiGe Dual-Band LNA/Mixer ICs 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl