Selected language     English  ▼


MAX9994 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX9994
Description  SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 5 page
background image
SiGe High-Linearity, 1700MHz to 2200MHz
Downconversion Mixer with LO Buffer/Switch
_______________________________________________________________________________________
5
45
50
70
80
60
65
75
55
85
1500
1800
1950
1650
2100
2250
2400
2RF - 2LO RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
TC = +25
°C
TC = -25
°C
TC = +85
°C
PRF = -5dBm
45
50
70
80
60
65
75
55
85
1500
1800
1950
1650
2100
2250
2400
2RF - 2LO RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
PLO = +3dBm
PLO = -3dBm
PLO = 0dBm
PRF = -5dBm
45
50
70
80
60
65
75
55
90
85
1500
1800
1950
1650
2100
2250
2400
2RF - 2LO RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
PRF = -5dBm
VCC = 4.75V, 5.0V, 5.25V
70
80
60
65
75
55
95
90
85
1500
1800
1950
1650
2100
2250
2400
3RF - 3LO RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
PRF = -5dBm
TC = +25
°C
TC = +85
°C
TC = -25
°C
70
80
60
65
75
55
95
90
85
1500
1800
1950
1650
2100
2250
2400
3RF - 3LO RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
PRF = -5dBm
PLO = -3dBm, 0dBm, +3dBm
70
80
60
65
75
55
95
90
85
1500
1800
1950
1650
2100
2250
2400
3RF - 3LO RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
PRF = -5dBm
VCC = 5.25V
VCC = 5.0V
VCC = 4.75V
13
11
12
14
10
15
1500
1800
1950
1650
2100
2250
2400
INPUT P1dB vs. RF FREQUENCY
RF FREQUENCY (MHz)
TC = +85
°C
TC = -25
°C
TC = +25
°C
13
11
12
14
10
15
1500
1800
1950
1650
2100
2250
2400
INPUT P1dB vs. RF FREQUENCY
RF FREQUENCY (MHz)
PLO = -3dBm, 0dBm, +3dBm
13
11
12
14
10
15
1500
1800
1950
1650
2100
2250
2400
INPUT P1dB vs. RF FREQUENCY
RF FREQUENCY (MHz)
VCC = 5.25V
VCC = 5.0V
VCC = 4.75V
Typical Operating Characteristics (continued)
(MAX9994 Typical Application Circuit, VCC = +5.0V, PLO = 0dBm, PRF = -5dBm, fRF > fLO, fIF = 200MHz, unless otherwise noted.)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2039High-Linearity 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9993High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX20591700MHz to 2200MHz High-Linearity SPI-Controlled DVGA with Integrated Loopback Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX2041High-Linearity 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2320Adjustable High-Linearity SiGe Dual-Band LNA/Mixer ICs 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl