Electronic Components Datasheet Search
Selected language     English  ▼


MAX9994 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX9994
Description  SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 6 page
background image
SiGe High-Linearity, 1700MHz to 2200MHz
Downconversion Mixer with LO Buffer/Switch
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(MAX9994 Typical Application Circuit, VCC = +5.0V, PLO = 0dBm, PRF = -5dBm, fRF > fLO, fIF = 200MHz, unless otherwise noted.)
50
40
45
35
55
1300
1600
1750
1450
1900
2050
2200
LO SWITCH ISOLATION
vs. LO FREQUENCY
LO FREQUENCY (MHz)
PLO = +3dBm
PLO = -3dBm
PLO = 0dBm
50
40
45
35
55
1300
1600
1750
1450
1900
2050
2200
LO SWITCH ISOLATION
vs. LO FREQUENCY
LO FREQUENCY (MHz)
TC = -25
°C
TC = +25
°C
TC = +85
°C
50
40
45
35
55
1300
1600
1750
1450
1900
2050
2200
LO SWITCH ISOLATION
vs. LO FREQUENCY
LO FREQUENCY (MHz)
VCC = 4.75V, 5.0V, 5.25V
-30
-50
-40
-60
-20
-35
-55
-45
-25
1300
1600
1750
1450
1900
2050
2200
LO LEAKAGE AT IF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
TC = -25
°C
TC = +85
°C
TC = +25
°C
-30
-50
-40
-60
-20
-35
-55
-45
-25
1300
1600
1750
1450
1900
2050
2200
LO LEAKAGE AT IF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
PLO = -3dBm
PLO = 0dBm
PLO = +3dBm
-30
-50
-40
-20
-35
-55
-45
-25
1300
1600
1750
1450
1900
2050
2200
LO LEAKAGE AT IF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
VCC = 5.25V
VCC = 5.0V
VCC = 4.75V
-20
-30
-10
-25
-15
1300
1600
1750
1450
1900
2050
2200
LO LEAKAGE AT RF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
TC = -25
°C, +25°C, +85°C
-20
-30
-10
-25
-15
1300
1600
1750
1450
1900
2050
2200
LO LEAKAGE AT RF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
PLO = -3dBm, 0dBm, +3dBm
-20
-30
-10
-25
-15
1300
1600
1750
1450
1900
2050
2200
LO LEAKAGE AT RF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
VCC = 5.25V
VCC = 5.0V
VCC = 4.75V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2039High-Linearity 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9993High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX20591700MHz to 2200MHz High-Linearity SPI-Controlled DVGA with Integrated Loopback Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX2041High-Linearity 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2320Adjustable High-Linearity SiGe Dual-Band LNA/Mixer ICs 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl