Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE2936 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE2936
Description  MOSFET N-Channel, Enhancement Mode High Speed Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2936 Datasheet(HTML) 2 Page - NTE Electronics

  NTE2936 Datasheet HTML 1Page - NTE Electronics NTE2936 Datasheet HTML 2Page - NTE Electronics NTE2936 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain–Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250µA
500
V
Breakdown Voltage Temperature
Coefficient
∆V(BR)DSS/
∆TJ
ID = 250µA
0.68
V/
°C
Gate Threshold Voltage
VGS(th)
VDS = 5V, ID = 250µA
2.0
4.0
V
Gate–Source Leakage Forward
IGSS
VGS = 30V
100
nA
Gate–Source Leakage Reverse
IGSS
VGS = –30V
–100
nA
Drain–to–Source Leakage Current
IDSS
VDS = 500V
10
µA
VDS = 400V, TC = +125°C
100
µA
Static Drain–Source ON Resistance
RDS(on)
VGS = 10V, ID = 4.8A, Note 4
0.4
Forward Transconductance
gfs
VDS = 50V, ID = 4.8A, Note 4
8.96
mhos
Input Capacitance
Ciss
VGS = 0V, VDS = 25V, f = 1MHz
2500
3250
pF
Output Capacitance
Coss
295
340
pF
Reverse Transfer Capacitance
Crss
130
150
pF
Turn–On Delay Time
td(on)
VDD = 250V, ID = 14A, RG = 6.2Ω,
23
55
ns
Rise Time
tr
Note 4, Note 5
26
60
ns
Turn–Off Delay Time
td(off)
125
260
ns
Fall Time
tf
37
85
ns
Total Gate Charge
Qg
VGS = 10V, ID = 14A, VDS = 400V,
121
157
nC
Gate–Source Charge
Qgs
Note 4, Note 5
16.2
nC
Gate–Drain (“Miller”) Charge
Qgd
61
nC
Source–Drain Diode Ratings and Characteristics
Continuous Source Current
IS
(Body Diode)
9.6
A
Pulse Source Current
ISM
(Body Diode) Note 1
56
A
Diode Forward Voltage
VSD
TJ = +25°C, IS = 9.6A, VGS = 0V, Note 4
1.4
V
Reverse Recovery Time
trr
TJ = +25°C, IF = 14A, diF/dt = 100A/µs,
437
ns
Reverse Recovery Charge
Qrr
Note 4
5.5
µC
Note 1. Repetitive Rating: Pulse width limited by maximum junction temperature.
Note 4. Pulse Test: Pulse Width = 250
µs, Duty Cycle ≤ 2%.
Note 5. Essentially independent of operating temperature.


Similar Part No. - NTE2936

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE293 NTE-NTE293 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Audio Amplifier and Driver
NTE2930 NTE-NTE2930 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2931 NTE-NTE2931 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2932 NTE-NTE2932 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2933 NTE-NTE2933 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
More results

Similar Description - NTE2936

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2973 NTE-NTE2973 Datasheet
21Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2988 NTE-NTE2988 Datasheet
24Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2930 NTE-NTE2930 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2942 NTE-NTE2942 Datasheet
25Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2944 NTE-NTE2944 Datasheet
25Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2966 NTE-NTE2966 Datasheet
21Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2394 NTE-NTE2394 Datasheet
28Kb / 3P
   MOSFET N-Channel Enhancement Mode, High Speed Switch
NTE2931 NTE-NTE2931 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2933 NTE-NTE2933 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2943 NTE-NTE2943 Datasheet
26Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com