Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2932-1 Datasheet(PDF) 2 Page - NEC

Part # PS2932-1
Description  HIGH COLLECTOR TO EMITTER VOLTAGE 4 PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2932-1 Datasheet(HTML) 2 Page - NEC

  PS2932-1 Datasheet HTML 1Page - NEC PS2932-1 Datasheet HTML 2Page - NEC PS2932-1 Datasheet HTML 3Page - NEC PS2932-1 Datasheet HTML 4Page - NEC PS2932-1 Datasheet HTML 5Page - NEC PS2932-1 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS1
(TA = 25°C unless otherwise specified)
PS2932-1, PS2933-1
OUTLINE DIMENSIONS (Units in mm)
N
32
001
–Last number of
Type No: 32
–An initial of "NEC"
–Assembly lot
No. 1 pin mark
(nicked corner)
0
01
Week assembled
Year assembled
MARKING
OPTOCOUPLER CONSTRUCTION
PARAMETER
UNIT (MIN)
Air Distance
4 mm
Creepage Distance
4 mm
Isolation Distance
0.4 mm
1. Anode
2. Cathode
3. Emitter
4. Collector
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
IF
Forward Current (DC)
mA
50
∆IF/°C
Forward Current Derating
mA/°C
0.5
IF (Peak)
Peak Forward Current2
A
0.5
PD
Power Dissipation
mW
60
VR
Reverse Voltage
V
6
Transistor
VCEO
Collector to Emitter Voltage
PS2932-1
V
300
PS2933-1
350
VECO
Emitter to Collector Voltage
V
0.3
IC
Collector Current
mA
60
PC
Power Dissipation
mW
120
∆PC/ûC
Power Dissipation Derating
mW/ûC
1.2
Coupled
VISO
Isolation Voltage3
Vr.m.s.
2500
PT
Total Power Dissipation
mW
160
TA
Operating Ambient Temp.
°C
-55 to +100
TSTG
Storage Temperature
°C
-55 to +150
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. PW = 100 µs, Duty Cycle = 1%.
3. AC voltage for 1 minute at TA = 25°C, RH = 60 % between input
and output.
CAUTIONS REGARDING NOISE:
Be aware that when voltage is applied suddenly between the
optocoupler's input and outout or between collector-emitters at
startup, the output side may enter the on state, even if the voltage
is within the absolute maximum ratings.
PART NUMBER
PACKING STYLE
PS29132-1-F3
Embossed Tape 3500 pcs/reel
PS2932-1-F4
PS29133-1-F3
PS29133-1-F4
ORDERING INFORMATION
N
2.5±0.3
4
3
1
2
5.0±0.2
0.2±0.1
0.4±0.1
1.27
TOP VIEW
0.8
0.6
1.27
24-R0.1
( ): Reference value
RECOMMENDED
MOUNT PAD DIMENSIONS (Units in mm)
Remark:
This drawing is considered to meet air and outer creepage distance
4.0 mm minimum. All simensions in this figure must be evaluated before use.


Similar Part No. - PS2932-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2933-1 CEL-PS2933-1 Datasheet
1Mb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2933-1 RENESAS-PS2933-1 Datasheet
390Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
PS2933-1 RENESAS-PS2933-1 Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1 RENESAS-PS2933-1 Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
logo
California Eastern Labs
PS2933-1-AX CEL-PS2933-1-AX Datasheet
1Mb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
More results

Similar Description - PS2932-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2933-1 RENESAS-PS2933-1_15 Datasheet
390Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
logo
California Eastern Labs
PS2933-1 CEL-PS2933-1 Datasheet
1Mb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2933-1 RENESAS-PS2933-1_16 Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1 RENESAS-PS2933-1_V01 Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
logo
List of Unclassifed Man...
PS2913-1 ETC-PS2913-1 Datasheet
112Kb / 6P
   NECs SINGLE TR. OUTPUT, HIGH COLLECTOR-EMITTER VOLTAGE, 4-PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2913-1 RENESAS-PS2913-1_15 Datasheet
377Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
PS2913-1 RENESAS-PS2913-1_V01 Datasheet
476Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
logo
California Eastern Labs
PS2913-1 CEL-PS2913-1 Datasheet
352Kb / 10P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2913-1 RENESAS-PS2913-1_16 Datasheet
400Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
California Eastern Labs
PS2911 CEL-PS2911 Datasheet
766Kb / 7P
   NECs HIGH CTR, 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com