Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM600R Datasheet(PDF) 4 Page - Microsemi Corporation

Part # SM600R
Description  SWITCHING REGULATOR POWER OUTPUT STAGES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SM600R Datasheet(HTML) 4 Page - Microsemi Corporation

  SM600R Datasheet HTML 1Page - Microsemi Corporation SM600R Datasheet HTML 2Page - Microsemi Corporation SM600R Datasheet HTML 3Page - Microsemi Corporation SM600R Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SM600/SM601/SM602/SM610/SM611/SM612
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
4
(714) 898-8121
∞ FAX: (714) 893-2570
APPLICATION CIRCUITS (continued)
FIGURE 5 - STEP UP (BOOST) CONVERTER
4-PIN TO-66 METAL CAN
R - PACKAGE
Ambient
Temperature Range
SM600R
0
°C to 70°C
SM600HRR
-55
°C to 125°C
SM601R
0
°C to 70°C
SM601HRR
-55
°C to 125°C
SM602R
0
°C to 70°C
SM602HRR
-55
°C to 125°C
SM610R
0
°C to 70°C
SM610HRR
-55
°C to 125°C
SM611R
0
°C to 70°C
SM611HRR
-55
°C to 125°C
SM612R
0
°C to 70°C
SM612HRR
-55
°C to 125°C
Part No.
Package
Connection Diagram
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Note Below)
SM61X
COMMON
POSITIVE OUTPUT
DRIVE
POSITIVE INPUT
4
3
2
1
1
23
4
NEGATIVE OUTPUT
NEGATIVE INPUT
DRIVE
COMMON
Note 1. All packages are viewed from the top.
2. Case is electrically isolated.
3. Consult factory for additional screening available.


Similar Part No. - SM600R

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SM600 SUNMATE-SM600 Datasheet
514Kb / 3P
   POSITIVE THERMAL COEFFICIENT(PTC)
SM600-110 SUNMATE-SM600-110 Datasheet
514Kb / 3P
   POSITIVE THERMAL COEFFICIENT(PTC)
SM600-150 SUNMATE-SM600-150 Datasheet
514Kb / 3P
   POSITIVE THERMAL COEFFICIENT(PTC)
SM600-160 SUNMATE-SM600-160 Datasheet
514Kb / 3P
   POSITIVE THERMAL COEFFICIENT(PTC)
logo
Powerbox
SM6000 POWERBOX-SM6000 Datasheet
121Kb / 2P
   6000 WATTS PROGRAMMABLE DC SUPPLY
More results

Similar Description - SM600R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM645 MICROSEMI-SM645 Datasheet
56Kb / 4P
   SWITCHING REGULATOR POWER OUTPUT STAGES
logo
Micro Electronics
SM627 MICRO-ELECTRONICS-SM627 Datasheet
56Kb / 4P
   SWITCHING REGULATOR POWER OUTPUT STAGES
logo
Fairchild Semiconductor
BD157 FAIRCHILD-BD157 Datasheet
38Kb / 4P
   Low Power Fast Switching Output Stages
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
   Suitable for AF-Driver stages and low power output stages
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
   Suitable for AF-Driver stages and low power output stages
logo
Rohm
BA6149LS ROHM-BA6149LS Datasheet
146Kb / 2P
   6-OUTPUT SWITCHING REGULATOR
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54_11 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-09-19
logo
Shanghai Leiditech Elec...
BCP54 LEIDITECH-BCP54 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
Sanken electric
STRS6513 SANKEN-STRS6513 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR - WITH POWER MOSFET OUTPUT
logo
Allegro MicroSystems
STRM6511 ALLEGRO-STRM6511 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com