Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM610HRR Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SM610HRR
Description  SWITCHING REGULATOR POWER OUTPUT STAGES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SM610HRR Datasheet(HTML) 1 Page - Microsemi Corporation

  SM610HRR Datasheet HTML 1Page - Microsemi Corporation SM610HRR Datasheet HTML 2Page - Microsemi Corporation SM610HRR Datasheet HTML 3Page - Microsemi Corporation SM610HRR Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
••••• Equivalent to the Unitrode PIC 600, 601, 602, 610, 611,
612
••••• 5A current capability
••••• Designed and characterized for switching regulator
applications such as Buck, Boost, and Buck-Boost
type
••••• Cost saving design reduces size, improves efficiency,
reduces noise and RFI
••••• High operating efficiency at 2A typical performance -
Rise and fall time < 75ns
Efficiency > 85%
••••• Electrically isolated, 4-pin, TO-66 hermetic case
HIGH RELIABILITY FEATURES
♦ Available with high reliability processing
DESCRIPTION
The SM600/601/602 and SM610/611/612 series of Power Output
Stages are especially designed to be driven with standard PWM
integrated circuits to form an efficient switching power supply.
The SM600, SM601 and SM602 are optimized for non-isolated
Buck and Buck-Boost application, where SM610, SM611 and
SM612 are best suited for DC-DC Boost type applications as well
as negative output Buck Converters. The hybrid circuit construc-
tion utilizes thick film resistors on a beryllia substrate for maxi-
mum thermal conductivity and resultant low thermal impedance.
All of the active elements in the hybrid are fully passivated.
SM600/SM601/SM602
SM610/SM611/SM612
FUNCTIONAL DIAGRAM
SM600/SM601/SM602/
SM610/SM611/SM612
SWITCHING REGULATOR POWER OUTPUT STAGES
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
1
(714) 898-8121
∞ FAX: (714) 893-2570


Similar Part No. - SM610HRR

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM6100D SECOS-SM6100D Datasheet
295Kb / 2P
   6.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Sinopower Semiconductor...
SM6101PSF SINOPWER-SM6101PSF Datasheet
240Kb / 10P
   P-Channel Enhancement Mode MOSFET
SM6101PSFC-TUG SINOPWER-SM6101PSFC-TUG Datasheet
240Kb / 10P
   P-Channel Enhancement Mode MOSFET
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sinopower Semiconductor...
SM6102PSF SINOPWER-SM6102PSF Datasheet
252Kb / 11P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - SM610HRR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM645 MICROSEMI-SM645 Datasheet
56Kb / 4P
   SWITCHING REGULATOR POWER OUTPUT STAGES
logo
Micro Electronics
SM627 MICRO-ELECTRONICS-SM627 Datasheet
56Kb / 4P
   SWITCHING REGULATOR POWER OUTPUT STAGES
logo
Fairchild Semiconductor
BD157 FAIRCHILD-BD157 Datasheet
38Kb / 4P
   Low Power Fast Switching Output Stages
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
   Suitable for AF-Driver stages and low power output stages
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
   Suitable for AF-Driver stages and low power output stages
logo
Rohm
BA6149LS ROHM-BA6149LS Datasheet
146Kb / 2P
   6-OUTPUT SWITCHING REGULATOR
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54_11 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-09-19
logo
Shanghai Leiditech Elec...
BCP54 LEIDITECH-BCP54 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
Sanken electric
STRS6513 SANKEN-STRS6513 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR - WITH POWER MOSFET OUTPUT
logo
Allegro MicroSystems
STRM6511 ALLEGRO-STRM6511 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com