Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1819 Datasheet(PDF) 1 Page - Rohm

Part # 2SA1819
Description  TRANSISTORS TO 92L TO-92LS MRT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA1819 Datasheet(HTML) 1 Page - Rohm

  2SA1819 Datasheet HTML 1Page - Rohm 2SA1819 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 2SA1819

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1810 HITACHI-2SA1810 Datasheet
32Kb / 6P
   Silicon PNP Epitaxial
logo
Toshiba Semiconductor
2SA1811 TOSHIBA-2SA1811 Datasheet
148Kb / 2P
   TRANSISTOR (LOW FREQUENCY, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS
logo
Rohm
2SA1812 ROHM-2SA1812 Datasheet
250Kb / 4P
   High-voltage Switching Transistor (-400V, -0.5A)
2SA1812 ROHM-2SA1812 Datasheet
31Kb / 1P
   High-voltage Switching Transistor ( 400V, 0.5A)
2SA1812 ROHM-2SA1812 Datasheet
31Kb / 1P
   High-voltage Switching Transistor (Telephone power supply)
More results

Similar Description - 2SA1819

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SB649 JIANGSU-2SB649 Datasheet
4Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
2SC2500 JIANGSU-2SC2500 Datasheet
2Mb / 4P
   TO-92L Plastic-Encapsulate Transistors
KTA1024 JIANGSU-KTA1024 Datasheet
5Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
3DG8051 JIANGSU-3DG8051 Datasheet
3Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
2SC2236 JIANGSU-2SC2236 Datasheet
2Mb / 4P
   TO-92L Plastic-Encapsulate Transistors
KTA1274 JIANGSU-KTA1274 Datasheet
8Mb / 5P
   TO-92L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2383L DGNJDZ-2SC2383L Datasheet
1Mb / 5P
   TO-92L Plastic-Encapsulate Transistors
logo
TRANSYS Electronics Lim...
2SA935 TEL-2SA935 Datasheet
116Kb / 1P
   TO-92L Plastic-Encapsulated Transistors
logo
Jiangsu Changjiang Elec...
KTC3207 JIANGSU-KTC3207 Datasheet
4Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
2SC1383 JIANGSU-2SC1383 Datasheet
4Mb / 4P
   TO-92L Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com