Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3296-S Datasheet(PDF) 2 Page - NEC

Part # 2SK3296-S
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3296-S Datasheet(HTML) 2 Page - NEC

  2SK3296-S Datasheet HTML 1Page - NEC 2SK3296-S Datasheet HTML 2Page - NEC 2SK3296-S Datasheet HTML 3Page - NEC 2SK3296-S Datasheet HTML 4Page - NEC 2SK3296-S Datasheet HTML 5Page - NEC 2SK3296-S Datasheet HTML 6Page - NEC 2SK3296-S Datasheet HTML 7Page - NEC 2SK3296-S Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D14063EJ2V0DS
2
2SK3296
ELECTRICAL CHARACTERISTICS(TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain Leakage Current
IDSS
VDS = 20 V, VGS = 0 V
10
µA
Gate Leakage Current
IGSS
VGS =
±20 V, VDS = 0 V
±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.0
2.5
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 18 A
9.0
S
Drain to Source On-state Resistance
RDS(on)1
VGS = 10 V, ID = 18 A
8.5
12
m
RDS(on)2
VGS = 4.5 V, ID = 18 A
12
19
m
Input Capacitance
Ciss
VDS = 10 V
1300
pF
Output Capacitance
Coss
VGS = 0 V
570
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
300
pF
Turn-on Delay Time
td(on)
VDD = 10 V , ID = 18 A
70
ns
Rise Time
tr
VGS(on) = 10 V
1220
ns
Turn-off Delay Time
td(off)
RG = 10
100
ns
Fall Time
tf
180
ns
Total Gate Charge
QG
VDD = 16 V
30
nC
Gate to Source Charge
QGS
VGS = 10 V
4.5
nC
Gate to Drain Charge
QGD
ID = 35 A
8.0
nC
Diode Forward Voltage
VF(S-D)
IF = 35 A, VGS = 0 V
1.0
V
Reverse Recovery Time
trr
IF = 35 A, VGS = 0 V
35
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µs
23
nC
TEST CIRCUIT 2 GATE CHARGE
TEST CIRCUIT 1 SWITCHING TIME
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1%
VGS
Wave Form
ID
Wave Form
VGS
10%
90%
VGS(on)
10%
0
ID
90%
90%
td(on)
tr
td(off)
tf
10%
τ
ID
0
ton
toff
PG.
50
D.U.T.
RL
VDD
IG = 2 mA


Similar Part No. - 2SK3296-S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3296-S RENESAS-2SK3296-S Datasheet
546Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SK3296-S

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com