Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSL3921 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSL3921
Description  Power Metal Strip Resistors, Low Value, Surface Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL3921 Datasheet(HTML) 2 Page - Vishay Siliconix

  WSL3921 Datasheet HTML 1Page - Vishay Siliconix WSL3921 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Number: 30110
For technical questions contact: ww2bresistors@vishay.com
www.vishay.com
Revision: 29-Mar-05
207
WSL3921 and WSL5931
Power Metal Strip® Resistors, Low Value, Surface Mount
Vishay Dale
DIMENSIONS
H
L
T
W
D
I
d
b
MODEL
DIMENSIONS in inches [millimeters]
LW
H
T
WSL3921
0.394 ± 0.010
[10.0 ± 0.254]
0.205 ± 0.010
[5.20 ± 0.254]
0.020
[0.5]
0.080 ± 0.010
[2.00 ± 0.254]
WSL5931
0.591 ± 0.010
[15.0 ± 0.254]
0.305 ± 0.010
[7.75 ± 0.254]
0.020
[0.5]
0.157 ± 0.010
[4.00 ± 0.254]
MODEL
SOLDER PAD DIMENSIONS in inches [millimeters]
db
l
WSL3921
0.106 ± 0.010
[2.70 ± 0.254]
0.244 ± 0.010
[6.20 ± 0.254]
0.220 ± 0.005
[5.60 ± 0.13]
WSL5931
0.205 ± 0.010
[5.20 ± 0.254]
0.344 ± 0.010
[8.75 ± 0.254]
0.220 ± 0.005
[5.60 ± 0.13]
Embossed carrier tape per EIA-481-1A.
70
Derating
120
100
80
60
40
20
0
-65 -50
-25
0
25
50
75
100
125
150
175
Ambient Temperature in
°C
GLOBAL
MODEL
RESISTANCE VALUE
m
“D”
THICKNESS
ELEMENT
MATERIAL
WSL3921
0.3
0.0510
Mn-Cu
WSL3921
0.5
0.0300
Mn-Cu
WSL3921
1.0
0.0150
Mn-Cu
WSL3921
2.0
0.0270
Fe-Cr
WSL3921
3.0
0.0170
Fe-Cr
WSL3921
4.0
0.0130
Fe-Cr
WSL5931
0.2
0.0485
Mn-Cu
WSL5931
0.3
0.0300
Mn-Cu
WSL5931
0.5
0.0180
Mn-Cu
WSL5931
1.0
0.0330
Fe-Cr
WSL5931
2.0
0.0155
Fe-Cr
WSL5931
3.0
0.0105
Fe-Cr
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
- 55°C to + 150°C, 1000 cycles, 15 minutes at each extreme
± (1.0% + 0.0005
Ω) ∆R
Short Time Overload
5 x rated power for 5 seconds
± (0.5% + 0.0005
Ω) ∆R
Low Temperature Storage
- 65°C for 45 Min.
± (0.5% + 0.0005
Ω) ∆R
High Temperature Exposure
1000 hours at + 175°C
± (1.0% + 0.0005
Ω) ∆R
Bias Humidity
+ 85°C, 85% RH, 10% Bias, 1000 hours
± (0.5% + 0.0005
Ω) ∆R
Mechanical Shock
100g’s for 6 milliseconds, 5 pulses
± (0.5% + 0.0005
Ω) ∆R
Vibration
Frequency varied 10 to 2000Hz in one minute, 3 directions, 12 hours
± (0.5% + 0.0005
Ω) ∆R
Load Life
1000 hours at + 70°C, 1.5 hours “ON”, 0.5 hours “OFF”
± (1.0% + 0.0005
Ω) ∆R
Resistance to Solder Heat
+ 260°C Solder, 10 - 12 second dwell, 25mm/second emergence
± (0.5% + 0.0005
Ω) ∆R
Moisture Resistance
MIL-STD-202, Method 106, 0% power, 7a and 7b not required
± (0.5% + 0.0005
Ω) ∆R
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSL3921
16mm/Embossed Plastic
330mm/13"
3000
EA
WSL5931
16mm/Embossed Plastic
330mm/13"
2000
EA


Similar Part No. - WSL3921

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL3921 VISHAY-WSL3921 Datasheet
265Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
Revision: 29-Mar-07
WSL3921 VISHAY-WSL3921 Datasheet
91Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
Revision: 11-Nov-10
WSL3921 VISHAY-WSL3921 Datasheet
102Kb / 4P
   Power Metal Strip® Resistors, Low Value (down to 0.0002 Ohm), Surface Mount
Revision: 10-Jan-14
WSL3921 VISHAY-WSL3921 Datasheet
142Kb / 5P
   Power Metal Strip® Resistors, Low Value (Down to 0.0001 Ω), Surface-Mount
01-Jan-2022
WSL39211L000FEA VISHAY-WSL39211L000FEA Datasheet
91Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
Revision: 11-Nov-10
More results

Similar Description - WSL3921

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL2512R0250FEA VISHAY-WSL2512R0250FEA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value, Surface Mount
Revision: 06-Jun-12
WSR3R2000FEA VISHAY-WSR3R2000FEA Datasheet
89Kb / 3P
   Power Metal Strip Resistors, Low Value, Surface Mount
Revision: 17-Jan-13
WSL0805R0200FEA18 VISHAY-WSL0805R0200FEA18 Datasheet
95Kb / 3P
   Power Metal Strip Resistors, High Power Low Value, Surface Mount
Revision: 09-Sep-11
WSL3637 VISHAY-WSL3637 Datasheet
159Kb / 2P
   Power Metal Strip Resistors, Low Value, Surface Mount, 4-Terminal
Revision: 11-Sep-04
WSL2726 VISHAY-WSL2726 Datasheet
130Kb / 3P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
Revision: 27-Aug-08
WSL4026 VISHAY-WSL4026 Datasheet
141Kb / 3P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
Revision: 31-Jul-08
WSL2512R1500FTA VISHAY-WSL2512R1500FTA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value
Revision: 06-Jun-12
WSL2512R3300FEA VISHAY-WSL2512R3300FEA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value
Revision: 06-Jun-12
WSL1206R2500 VISHAY-WSL1206R2500 Datasheet
87Kb / 3P
   Power Metal Strip Resistors, Low Value
Revision: 05-Mar-14
WSR5R0150FTA VISHAY-WSR5R0150FTA Datasheet
91Kb / 3P
   Power Metal Strip Resistors, Low Value (down to 0.001), Surface Mount
Revision: 18-Jan-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com