Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52PF40W Datasheet(PDF) 1 Page - International Rectifier

Part # 52PF40W
Description  STANDARD RECOVERY DIODES GEN II DO5
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

52PF40W Datasheet(HTML) 1 Page - International Rectifier

  52PF40W Datasheet HTML 1Page - International Rectifier 52PF40W Datasheet HTML 2Page - International Rectifier 52PF40W Datasheet HTML 3Page - International Rectifier 52PF40W Datasheet HTML 4Page - International Rectifier 52PF40W Datasheet HTML 5Page - International Rectifier 52PF40W Datasheet HTML 6Page - International Rectifier 52PF40W Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
High surge current capability
Designed for a wide range of applications
Stud cathode and stud anode version
Leaded version available/ wire version available
Low thermal resistance
UL approval pending
Typical Applications
Battery charges
Converters
Power supplies
Machine tool controls
Welding
Parameters
Units
50PF (R)...(W)
40 to 120
I
F(AV)
50
A
@ T
C
140
°C
I
F(RMS)
78
A
I
FSM
@ 50Hz
800
A
@ 60Hz
830
I2t@ 50Hz
3200
A2s
@ 60Hz
2900
V
RRM
range
400 to 1200
V
T
J
range
- 55 to 180
°C
Major Ratings and Characteristics
50PF(R)...(W) SERIES
STANDARD RECOVERY DIODES
GEN II DO5
50 A
1
Stud Version
Bulletin I20105 rev. D 01/05
case style DO-203AB (DO-5)
50PF(R)...W
50PF(R)...
case style DO-203AB (DO-5)
www.irf.com


Similar Part No. - 52PF40W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
52PF40W VISHAY-52PF40W Datasheet
149Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 01-Oct-08
More results

Similar Description - 52PF40W

ManufacturerPart #DatasheetDescription
logo
International Rectifier
95PFR120W IRF-95PFR120W Datasheet
93Kb / 7P
   STANDARD RECOVERY DIODES GEN II DO5
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com