Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52PF80W Datasheet(PDF) 3 Page - International Rectifier

Part # 52PF80W
Description  STANDARD RECOVERY DIODES GEN II DO5
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

52PF80W Datasheet(HTML) 3 Page - International Rectifier

  52PF80W Datasheet HTML 1Page - International Rectifier 52PF80W Datasheet HTML 2Page - International Rectifier 52PF80W Datasheet HTML 3Page - International Rectifier 52PF80W Datasheet HTML 4Page - International Rectifier 52PF80W Datasheet HTML 5Page - International Rectifier 52PF80W Datasheet HTML 6Page - International Rectifier 52PF80W Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
50PF (R)...(W) Series
3
Bulletin I20105 rev. D 01/05
www.irf.com
Parameter
Units
Conditions
50PF (R)...(W)
40 to 120
TJ
Max. junction operating temperature range
-55 to 180
T
stg
Max. storage temperature range
-55 to 180
R
thJC
Max. thermal resistance, junction to case
0.51
DC operation
R
thCS
Max. thermal resistance, case
Mounting surface, smooth, flat and
to heatsink
greased
T
Allowable mounting torque
3.4 +0-10%
N m
Tighting on nut (1)
30
lbf
· in Not lubricated threads
2.3 +0-10%
N m
Tighting on hexagon (2)
20
lbf
· in Lubricated threads
wt
Approximate weight
15.8 (0.56)
g (oz)
Case style
DO-203AB (DO5)
See Outline Table
°C
0.25
K/W
Thermal and Mechanical Specifications
180°
0.11
0.10
T
J = TJ max.
120°
0.16
0.16
90°
0.20
0.22
60°
0.29
0.31
30°
0.49
0.50
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
K/W
∆R
thJC Conduction
(The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC)
(1) As general recommendation we suggest to tight on Hexagon and not on nut
(2) Torque must be appliable only to Hexagon and not to plastic structure
110
120
130
140
150
160
170
180
0
10
203040
5060
30˚
60˚
90˚
120˚
180˚
Conduction Angle
50PF(R) Serie
RthJC = 0.51 K/W
120
130
140
150
160
170
180
0
10
203040
5060
7080
DC
30˚
60˚
90˚
120˚
180˚
Conduction Period
50PF(R) Series
RthJC (DC) = 0.51 K/W
Average Forward Current (A)
Fig. 1 - Current Ratings Characteristics
Average Forward Current (A)
Fig. 2 - Current Ratings Characteristics


Similar Part No. - 52PF80W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
52PF80W VISHAY-52PF80W Datasheet
149Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 01-Oct-08
More results

Similar Description - 52PF80W

ManufacturerPart #DatasheetDescription
logo
International Rectifier
95PFR120W IRF-95PFR120W Datasheet
93Kb / 7P
   STANDARD RECOVERY DIODES GEN II DO5
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com