Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8341ACPZ-WP1 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8341ACPZ-WP1
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8341ACPZ-WP1 Datasheet(HTML) 1 Page - Analog Devices

  AD8341ACPZ-WP1 Datasheet HTML 1Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 2Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 3Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 4Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 5Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 6Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 7Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 8Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.5 GHz to 2.4 GHz
RF Vector Modulator
AD8341
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Cartesian amplitude and phase modulation
1.5 GHz to 2.4 GHz frequency range
Continuous magnitude control of −4.5 dB to −34.5 dB
Continuous phase control of 0° to 360°
Output third-order intercept 17.5 dBm
Output 1 dB compression point 8.5 dBm
Output noise floor −150.5 dBm/Hz @ full gain
Adjustable modulation bandwidth up to 230 MHz
Fast output power disable
4.75 V to 5.25 V single-supply voltage
APPLICATIONS
RF PA linearization/RF predistortion
Amplitude and phase modulation
Variable attenuators and phase shifters
CDMA2000, WCDMA, GSM/EDGE linear power amplifiers
Smart antennas
FUNCTIONAL BLOCK DIAGRAM
90
°
0
°
VPS2
QBBM
QBBP
RFIP
RFIM
DSOP
IBBM
IBBP
RFOP
RFOM
VPRF
CMOP
Figure 1.
GENERAL DESCRIPTION
The AD8341 vector modulator performs arbitrary amplitude
and phase modulation of an RF signal. Since the RF signal path
is linear, the original modulation is preserved. This part can be
used as a general-purpose RF modulator, a variable attenu-
ator/phase shifter, or a remodulator. The amplitude can be
controlled from a maximum of −4.5 dB to less than −34.5 dB,
and the phase can be shifted continuously over the entire 360°
range. For maximum gain, the AD8341 delivers an OP1dB of
8.5 dBm, an OIP3 of 17.5 dBm, and an output noise floor of
−150.5 dBm/Hz, independent of phase. It operates over a
frequency range of 1.5 GHz to 2.4 GHz.
The baseband inputs in Cartesian I and Q format control the
amplitude and phase modulation imposed on the RF input
signal. Both I and Q inputs are dc-coupled with a ±500 mV
differential full-scale range. The maximum modulation band-
width is 230 MHz, which can be reduced by adding external
capacitors to limit the noise bandwidth on the control lines.
Both the RF inputs and outputs can be used differentially or
single-ended and must be ac-coupled. The RF input and output
impedances are nominally 50 Ω over the operating frequency
range. The DSOP pin allows the output stage to be disabled
quickly in order to protect subsequent stages from overdrive.
The AD8341 operates off supply voltages from 4.75 V to 5.25 V
while consuming approximately 125 mA.
The AD8341 is fabricated on Analog Devices’ proprietary, high
performance 25 GHz SOI complementary bipolar IC process. It
is available in a 24-lead, Pb-free LFCSP package and operates
over a −40°C to +85°C temperature range. Evaluation boards
are available.


Similar Part No. - AD8341ACPZ-WP1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8341 AD-AD8341 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8341 AD-AD8341 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
More results

Similar Description - AD8341ACPZ-WP1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SA90-0001 MA-COM-SA90-0001 Datasheet
169Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
MAIA-007143-000100 MA-COM-MAIA-007143-000100 Datasheet
183Kb / 6P
   Vector Modulator, 1.94 to 2.34 GHz
MAIA-007150-000100 MA-COM-MAIA-007150-000100 Datasheet
179Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
Tyco Electronics
SA90-0001 MACOM-SA90-0001 Datasheet
365Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701_07 Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
M/A-COM Technology Solu...
MAIA-007100-000100 MA-COM-MAIA-007100-000100 Datasheet
141Kb / 5P
   Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com