Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8341-EVAL Datasheet(PDF) 9 Page - Analog Devices

Part # AD8341-EVAL
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8341-EVAL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8341-EVAL Datasheet HTML 5Page - Analog Devices AD8341-EVAL Datasheet HTML 6Page - Analog Devices AD8341-EVAL Datasheet HTML 7Page - Analog Devices AD8341-EVAL Datasheet HTML 8Page - Analog Devices AD8341-EVAL Datasheet HTML 9Page - Analog Devices AD8341-EVAL Datasheet HTML 10Page - Analog Devices AD8341-EVAL Datasheet HTML 11Page - Analog Devices AD8341-EVAL Datasheet HTML 12Page - Analog Devices AD8341-EVAL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8341
Rev. 0 | Page 9 of 20
0
180
30
330
60
90
270
300
120
240
150
210
SDD22 PORT DIFFERENTIAL
S22 WITH 1 TO 1 TRANSFORMER
1500MHz
2400MHz
Figure 21. Output Impedance Smith Chart
GAIN SETPOINT
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–10
–20
–30
–40
–50
–60
–70
PHASE SETPOINT = 0
°
PHASE SETPOINT = 45
°
PHASE SETPOINT = 90
°
Figure 22. Phase Error vs. Gain Setpoint by Phase Setpoint,
RF Frequency = 1900 MHz
TEMPERATURE (
°C)
–40 –30 –20 –10
0
10
20304050607080
127
126
125
124
123
122
121
VPOS = 5.25V
VPOS = 4.75V
VPOS = 5.00V
Figure 23. Supply Current vs. Temperature
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
DSOP VOLTAGE (V)
Figure 24. Output Disable Attenuation,
RF Frequency = 1900 MHz, RF Input = −5 dBm
CH3 2.0V
Ω CH4 100mV Ω M10.0ns 5.0GS/s A CH3
1.84V
3
4
TIME (10ns/DIV)
DSOP
2V/DIV
100mV/DIV
RF OUTPUT
Figure 25. Output Disable Response Time,
RF Frequency = 1900 MHz, RF Input = 0 dBm


Similar Part No. - AD8341-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8341 AD-AD8341 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8341 AD-AD8341 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
More results

Similar Description - AD8341-EVAL

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SA90-0001 MA-COM-SA90-0001 Datasheet
169Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
MAIA-007143-000100 MA-COM-MAIA-007143-000100 Datasheet
183Kb / 6P
   Vector Modulator, 1.94 to 2.34 GHz
MAIA-007150-000100 MA-COM-MAIA-007150-000100 Datasheet
179Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
Tyco Electronics
SA90-0001 MACOM-SA90-0001 Datasheet
365Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701_07 Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
M/A-COM Technology Solu...
MAIA-007100-000100 MA-COM-MAIA-007100-000100 Datasheet
141Kb / 5P
   Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com