Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA5986FM Datasheet(PDF) 5 Page - Rohm

Part # BA5986FM
Description  CD-ROM / DVD BTL DRIVE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5986FM Datasheet(HTML) 5 Page - Rohm

  BA5986FM Datasheet HTML 1Page - Rohm BA5986FM Datasheet HTML 2Page - Rohm BA5986FM Datasheet HTML 3Page - Rohm BA5986FM Datasheet HTML 4Page - Rohm BA5986FM Datasheet HTML 5Page - Rohm BA5986FM Datasheet HTML 6Page - Rohm BA5986FM Datasheet HTML 7Page - Rohm BA5986FM Datasheet HTML 8Page - Rohm BA5986FM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BA5986FM
光ディスク IC
!
!
!
!電気的特性
電気的特性
電気的特性
電気的特性 (特に指定のない限り Ta=25
°C, PreVCC=8V, PowVCC1=5V, PowVCC2=8V, BIAS=2.5V, RL=8Ω)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
無信号時回路電流
スタンバイON電圧
スタンバイOFF電圧
〈ドライバ〉
出力オフセット電圧1
出力オフセット電圧2
最大出力振幅1
最大出力振幅2
電圧利得1
電圧利得2
ミュートON電圧
ミュートOFF電圧
〈前段オペアンプ〉
同相入力範囲
入力オフセット電圧
入力バイアス電流
ハイレベル出力電圧
ローレベル出力電圧
出力駆動電流シンク
出力駆動電流ソース
スルーレート
IQ
VSTON
VSTOFF
VOO1
VOO2
VOM1
VOM2
GVC1
GVC2
VMTON
VMTOFF
VICM
VOFOP
IBOP
VOHOP
VOLOP
ISI
ISO
SROP
2.0
−70
−90
3.6
5.4
10.3
16.3
2.0
0.3
−6
6.9
3
3
20
0
0
4.0
6.0
12.0
18.0
0
10
7.2
0.05
1
30
0.5
70
90
4.4
6.6
13.7
19.7
0.5
6.8
6
300
0.3
mA
V
V
mV
mV
V
V
dB
dB
V
V
V
mV
nA
V
V
mA
mA
V /
μs
無負荷時
ch1
,2
ch3
,4
ch1
,2 VIN=±2.0V
ch3
,4 VIN=±2.0V
VIN
=±0.5V
VIN
=±0.5V
50
ΩでVCC
50
ΩでGND
100kHz
方形波, 2VP-POUT
◎耐放射線設計はしておりません。


Similar Part No. - BA5986FM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5983FM ROHM-BA5983FM Datasheet
115Kb / 8P
   BTL DRIVE
BA5983FM ROHM-BA5983FM Datasheet
468Kb / 7P
   BTL Driver For CD-ROM
BA5983FM ROHM-BA5983FM Datasheet
114Kb / 6P
   BTL Driver For CD-ROM
BA5983FM ROHM-BA5983FM_1 Datasheet
114Kb / 6P
   BTL Driver For CD-ROM
BA5983FP ROHM-BA5983FP Datasheet
115Kb / 8P
   BTL DRIVE
More results

Similar Description - BA5986FM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
BCD Semiconductor Manuf...
AZ5954 BCDSEMI-AZ5954 Datasheet
175Kb / 13P
   4-CHANNEL BTL MOTOR DRIVER FOR CD-ROM/DVD
logo
Sony Corporation
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
logo
Sanyo Semicon Device
LA6529M SANYO-LA6529M Datasheet
75Kb / 4P
   CD-ROM Drive Three-Channel Bridge BTL Driver
logo
Rohm
BA5983FP ROHM-BA5983FP_1 Datasheet
470Kb / 7P
   BTL Driver For DVD-ROM
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
   BTL driver for CD/CD-ROM
BH3527FV ROHM-BH3527FV Datasheet
103Kb / 2P
   Line amplifier for CD-ROM/DVD-ROM
logo
List of Unclassifed Man...
BH3527FV ETC2-BH3527FV Datasheet
103Kb / 2P
   Line amplifier for CD-ROM/DVD-ROM
logo
Minilogic Device Corpor...
ML5954 MINILOGIC-ML5954 Datasheet
562Kb / 6P
   ML5954 4-channel BTL driver for CD-ROM Driver & DVD Player
logo
Rohm
BA5983FM ROHM-BA5983FM_1 Datasheet
114Kb / 6P
   BTL Driver For CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com