Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1202HNA Datasheet(PDF) 8 Page - Anachip Corp

Part # AP1202HNA
Description  Dual USB High-Side Power Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1202HNA Datasheet(HTML) 8 Page - Anachip Corp

Back Button AP1202HNA Datasheet HTML 3Page - Anachip Corp AP1202HNA Datasheet HTML 4Page - Anachip Corp AP1202HNA Datasheet HTML 5Page - Anachip Corp AP1202HNA Datasheet HTML 6Page - Anachip Corp AP1202HNA Datasheet HTML 7Page - Anachip Corp AP1202HNA Datasheet HTML 8Page - Anachip Corp AP1202HNA Datasheet HTML 9Page - Anachip Corp AP1202HNA Datasheet HTML 10Page - Anachip Corp AP1202HNA Datasheet HTML 11Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AP1202
Dual USB High-Side Power Switch
Anachip Corp.
www.anachip.com.tw
Rev 0.4 Feb.10, 2004
8/11
Typical Application Circuit
USB
Control
3.3V
5V
Power
Supply
0.1uF
2
1
3
4
7
IN
FLG1
EN1
FLG2
EN2
OUT1
OUT2
GND
6
0.1uF
33uF
33uF
0.1uF
8
5
GND
VBUS
D-
D+
GND
VBUS
D-
D+
Downstream
USB Ports
AP1202
Test Circuit
EN1
FLG1
FLG2
EN2
OUT1
IN
GND
OUT2
ON
OFF
ON
OFF
10K R2
10K R1
V
CC
+5V
10Ω R3
10Ω R4
0.1uF
C1
AP1202


Similar Part No. - AP1202HNA

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1203AGMT-HF A-POWER-AP1203AGMT-HF Datasheet
159Kb / 5P
   Simple Drive Requirement, RoHS Compliant
AP1203GMA A-POWER-AP1203GMA Datasheet
60Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP1206-1 ETC-AP1206-1 Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
logo
Teledyne Technologies I...
AP1207 TELEDYNE-AP1207 Datasheet
167Kb / 2P
   10 TO 1200 MHz SMTO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AP1209-1 ETC-AP1209-1 Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
More results

Similar Description - AP1202HNA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2076B UTC-US2076B Datasheet
224Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US3376 UTC-US3376_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A Datasheet
265Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
   Dual USB High-Side Power Switch
logo
Diodes Incorporated
AP1212 DIODES-AP1212 Datasheet
282Kb / 12P
   DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
logo
Analog Intergrations Co...
AIC1526 AIC-AIC1526 Datasheet
245Kb / 8P
   Dual USB High-Side Power Switch
logo
Silicon Standard Corp.
SS6526 SSC-SS6526 Datasheet
356Kb / 12P
   Dual USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com