Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX-10N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CX-10N
Description  Automotive Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CX-10N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CX-10N Datasheet HTML 1Page - List of Unclassifed Manufacturers CX-10N Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
65 SHARK RIVER ROAD, NEPTUNE, NEW JERSEY 07753-7423 USA
TOLL FREE (732) 922-8330 FX (732) 922-6363
E-mail: globalcomponents@msn.com
UCX /CX
Automotive Relay
n Features
Quiet ( UCX: 48dB; CX 55dB ).
Appropriate for intermittent windshield
wipers and other.
Low power consumption
Pin-out compatible with other commonly
used automotive relays
By Taiko
Part Number
Rated
Coil Resistance
Pull-in
Drop-out
Rated Power
Sound
Voltage
+/- 10%
Voltage
Voltage
Pressure
CX-10N
12VDC
500
7.5V
1V
0.29W
55dB
UCX-10N
12VDC
500
7.5V
1V
0.29W
45dB
n Coil Rating ( @ 20 C )
n Specifications
Contact Arrangement
1 Form C (1C)
Contact Material
AgCuNi
Rated Load
5A 14VDC (Motor Load)
Contact Resistance
Max. 30 Ohm ( @ 6VDC 1A voltage drop method )
Max. Switching Current
10A
Max. Carrying Current
20A for 10 minutes @ 20 C
Dielectric Strength
1,500 VAC for 1 min. between Coil & Contact
1,000 VAC for 1 min. between open Contacts
Insulation Resistance
Min. 1,000MOhm (@500VDC)
Operate Time
Max. 10ms (@ rated voltage)
Release Time
Max. 10ms (@ rated voltage)
Shock
Fales Operation
Min. 20G ( Shock wave 11ms )
Endurance
Min. 100G ( Shock wave 11ms )
Vibration False Operation
10-55Hz ( Double Amplitude 1.5mm )
Endurance
10-55Hz ( Double Amplitude 1.5mm )
Mechanical Life
50 x 10 Operations ( @ 300 times min. )
Electrical Life
14VDC 5A Motor Load 0.3 x 10 Operations (On: 1 sec ; Off: 3 sec )
Ambient Temperature
-40 C to +85 C
Weight
Approx. 8.3g
0
0
6
6


Similar Part No. - CX-10N

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX-101F KSS-CX-101F Datasheet
156Kb / 1P
   Ultra-thin, thickness 0.75mm. (3.2횞2.5횞0.75mm)
More results

Similar Description - CX-10N

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
   AUTOMOTIVE RELAY
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
   AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
   AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
   AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
   AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
   Automotive Relay
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
   Automotive Relay
logo
Hongfa Technology
HFV15-L HONGFA-HFV15-L Datasheet
1Mb / 4P
   AUTOMOTIVE RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com