Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62148CV30LL-70BAI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62148CV30LL-70BAI
Description  512K x 8 MoBL Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148CV30LL-70BAI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62148CV30LL-70BAI Datasheet HTML 1Page - Cypress Semiconductor CY62148CV30LL-70BAI Datasheet HTML 2Page - Cypress Semiconductor CY62148CV30LL-70BAI Datasheet HTML 3Page - Cypress Semiconductor CY62148CV30LL-70BAI Datasheet HTML 4Page - Cypress Semiconductor CY62148CV30LL-70BAI Datasheet HTML 5Page - Cypress Semiconductor CY62148CV30LL-70BAI Datasheet HTML 6Page - Cypress Semiconductor CY62148CV30LL-70BAI Datasheet HTML 7Page - Cypress Semiconductor CY62148CV30LL-70BAI Datasheet HTML 8Page - Cypress Semiconductor CY62148CV30LL-70BAI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
512K x 8 MoBL Static RAM
CY62148CV25/30/33
MoBL™
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-05035 Rev. *A
Revised September 7, 2001
Features
• High Speed
— 55 ns and 70 ns availability
• Low voltage range:
— CY62148CV25: 2.2V–2.7V
— CY62148CV30: 2.7V–3.3V
— CY62148CV33: 3.0V–3.6V
• Pin compatible with CY62148V
• Ultra low active power
— Typical active current: 1.5 mA @ f = 1MHz
— Typical active current: 5.5 mA @ f = fmax (70 ns speed)
• Low standby power
• Easy memory expansion with CE and OE features
• Automatic power-down when deselected
• CMOS for optimum speed/power
Functional Description
The CY62148CV25/30/33 are high-performance CMOS static
RAMs organized as 512K words by 8 bits. This device features
advanced circuit design to provide ultra-low active current.
This is ideal for providing More Battery Life™ (MoBL™) in por-
table applications such as cellular telephones. The device also
has an automatic power-down feature that significantly reduc-
es power consumption by 80% when addresses are not tog-
gling. The device can be put into standby mode when dese-
lected (CE HIGH).
Writing to the device is accomplished by taking Chip Enable
(CE) and Write Enable (WE) inputs LOW. Data on the eight I/O
pins (I/O0 through I/O7) is then written into the location speci-
fied on the address pins (A0 through A18).
Reading from the device is accomplished by taking Chip En-
able (CE) and Output Enable (OE) LOW while forcing Write
Enable (WE) HIGH. Under these conditions, the contents of
the memory location specified by the address pins will appear
on the I/O pins.
The eight input/output pins (I/O0 through I/O7) are placed in a
high-impedance state when the device is deselected (CE
HIGH), the outputs are disabled (OE HIGH), or during a write
operation (CE LOW and WE LOW).
The CY62148CV25/30/33 are available in a 36-ball FBGA
package.
Logic Block Diagram
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
Data in Drivers
POWER
DOWN
WE
OE
I/O0
I/O1
I/O2
I/O3
512K x 8
ARRAY
I/O7
I/O6
I/O5
I/O4
A0
CE
A9


Similar Part No. - CY62148CV30LL-70BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148 CYPRESS-CY62148 Datasheet
189Kb / 11P
   512K x 8 MoBL Static RAM
CY62148 CYPRESS-CY62148 Datasheet
189Kb / 7P
   512K x 8 Static RAM
CY62148-55 CYPRESS-CY62148-55 Datasheet
189Kb / 7P
   512K x 8 Static RAM
CY62148-55SC CYPRESS-CY62148-55SC Datasheet
189Kb / 7P
   512K x 8 Static RAM
CY62148-70 CYPRESS-CY62148-70 Datasheet
189Kb / 7P
   512K x 8 Static RAM
More results

Similar Description - CY62148CV30LL-70BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148V CYPRESS-CY62148V Datasheet
189Kb / 11P
   512K x 8 MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_09 Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
CY62148DV30 CYPRESS-CY62148DV30_11 Datasheet
566Kb / 13P
   4-Mbit (512K x 8) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30 Datasheet
455Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62158CV30 CYPRESS-CY62158CV30 Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
   512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
   512K x 8 Static RAM
CY7C1049B CYPRESS-CY7C1049B Datasheet
132Kb / 10P
   512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
   512K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com