Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1021B-12ZC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1021B-12ZC
Description  1-Mbit (64K x 16) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021B-12ZC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1021B-12ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1021B-12ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1021B-12ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1021B-12ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1021B-12ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1021B-12ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1021B-12ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1021B-12ZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1021B-12ZC Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CY7C1021B
CY7C10211B
Document #: 38-05145 Rev. *A
Page 7 of 10
Switching Waveforms (continued)
Write Cycle No. 3 (WE Controlled, LOW)
tHD
tSD
tSCE
tHA
tAW
tPWE
tWC
tBW
DATA I/O
ADDRESS
CE
WE
BHE, BLE
tSA
tLZWE
tHZWE
Truth Table
CE
OE WE
BLE
BHE
I/O1–I/O8
I/O9–I/O16
Mode
Power
H
X
X
X
X
High Z
High Z
Power-Down
Standby (ISB)
L
L
H
L
L
Data Out
Data Out
Read - All bits
Active (ICC)
L
H
Data Out
High Z
Read - Lower bits only
Active (ICC)
H
L
High Z
Data Out
Read - Upper bits only
Active (ICC)
L
X
L
L
L
Data In
Data In
Write - All bits
Active (ICC)
L
H
Data In
High Z
Write - Lower bits only
Active (ICC)
H
L
High Z
Data In
Write - Upper bits only
Active (ICC)
L
H
H
X
X
High Z
High Z
Selected, Outputs Disabled
Active (ICC)
L
X
X
H
H
High Z
High Z
Selected, Outputs Disabled
Active (ICC)
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
10
CY7C10211B-10VC
V34
44-Lead (400-Mil) Molded SOJ
Commercial
CY7C10211B-10ZC
Z44
44-Lead TSOP Type II
Commercial
CY7C10211BL-10ZC
Z44
44-Lead TSOP Type II
Commercial
12
CY7C1021B-12VC
V34
44-Lead (400-Mil) Molded SOJ
Commercial
CY7C1021B-12VI
V34
44-Lead (400-Mil) Molded SOJ
Industrial
CY7C1021BL-12VC
V34
44-Lead (400-Mil) Molded SOJ
Commercial
CY7C1021B-12ZC
Z44
44-Lead TSOP Type II
Commercial
CY7C1021B-12ZI
Z44
44-Lead TSOP Type II
Industrial
CY7C1021BL-12ZC
Z44
44-Lead TSOP Type II
Commercial


Similar Part No. - CY7C1021B-12ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B-12ZXC CYPRESS-CY7C1021B-12ZXC Datasheet
327Kb / 10P
   1-Mbit (64K X 16) Static RAM
More results

Similar Description - CY7C1021B-12ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com