Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBI2D5S2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FBI2D5S2
Description  2. Amp. Glass Passivated Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FBI2D5S2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FBI2D5S2 Datasheet HTML 1Page - List of Unclassifed Manufacturers FBI2D5S2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V
F
, instantaneous forward voltage (V)
0.6
1.0
1.4
0
0.1
1.0
10
Tamb = 25° C
Characteristic Curves
FBI2 - 5S2
Tamb, ambient temperature (°C)
1
2
3
4
0
50
100
150 175
0
125
25
75
Number of cycles at 50 Hz.
10
100
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
1
0
25
50
75
100
4.5
heatsink
Tc
Tc
sine wave
R-load
on heatsink
+
_
on glass-epoxi substrate
P.C.B.
soldering land 5 mm ø
sine wave
R-load
free in air
Jan - 00
+
_


Similar Part No. - FBI2D5S2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FBI2A4S1 ETC1-FBI2A4S1 Datasheet
37Kb / 2P
   2 Amp. Glass Passivated Bridge Rectifier
FBI2M4S1 ETC1-FBI2M4S1 Datasheet
37Kb / 2P
   2 Amp. Glass Passivated Bridge Rectifier
More results

Similar Description - FBI2D5S2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FBI2A4S1 ETC1-FBI2A4S1 Datasheet
37Kb / 2P
   2 Amp. Glass Passivated Bridge Rectifier
logo
Fuji Electric
2KBP005G FUJI-2KBP005G Datasheet
762Kb / 1P
   2 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2KBPOO5G FUJI-2KBPOO5G Datasheet
53Kb / 1P
   2 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2W005G FUJI-2W005G Datasheet
729Kb / 1P
   2 AMP GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
B40C1500R ETC1-B40C1500R Datasheet
20Kb / 2P
   1.5 Amp. Glass Passivated Bridge Rectifier
TL400G ETC2-TL400G Datasheet
127Kb / 4P
   4 AMP Glass Passivated Bridge Rectifier
FBI6A5M1 ETC1-FBI6A5M1 Datasheet
35Kb / 2P
   6 Amp. Glass Passivated Bridge Rectifier
FBI4A5M1 ETC1-FBI4A5M1 Datasheet
32Kb / 2P
   4 Amp. Glass Passivated Bridge Rectifier
FBI8A5M1 ETC1-FBI8A5M1 Datasheet
35Kb / 2P
   8 Amp. Glass Passivated Bridge Rectifier
FBI4A7M1 ETC1-FBI4A7M1 Datasheet
32Kb / 2P
   4 Amp. Glass Passivated Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com