Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5326IR Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5326IR
Description  10- and 12-Channel TFT-LCD Reference Voltage Generators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5326IR Datasheet(HTML) 5 Page - Intersil Corporation

  EL5326IR Datasheet HTML 1Page - Intersil Corporation EL5326IR Datasheet HTML 2Page - Intersil Corporation EL5326IR Datasheet HTML 3Page - Intersil Corporation EL5326IR Datasheet HTML 4Page - Intersil Corporation EL5326IR Datasheet HTML 5Page - Intersil Corporation EL5326IR Datasheet HTML 6Page - Intersil Corporation EL5326IR Datasheet HTML 7Page - Intersil Corporation EL5326IR Datasheet HTML 8Page - Intersil Corporation EL5326IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Typical Performance Curves
FIGURE 1. DIFFERENTIAL NONLINEARITY vs CODE
FIGURE 2. DIGITAL SUPPLY VOLTAGE vs DIGITAL SUPPLY
CURRENT
FIGURE 3. TRANSIENT LOAD REGULATION (SOURCING)
FIGURE 4. TRANSIENT LOAD REGULATION (SINKING)
FIGURE 5. LARGE SIGNAL RESPONSE (RISING FROM 0V
TO 8V)
FIGURE 6. LARGE SIGNAL RESPONSE (FALLING FROM 8V
TO 0V)
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
10
210
410
610
810
1010
INPUT CODE
VS=15V, VSD=5V, VREFH=13V, VREFL=2V
1.2
1.0
0.6
0.2
0
44.8
5
0.8
0.4
VS=VREFH=15V
VREFL=0V
4.5
4.4
4.2
33.8
3.5
3.4
3.2
VSD (V)
0mA
5V
5mA/DIV
200mV/DIV
5mA
CL=180pF
CL=4.7nF
RS=20Ω
CL=1nF
RS=20Ω
VS=VREFH=15V
M=400ns/DIV
5mA
0mA
CL=1nF
RS=20Ω
CL=180pF
VS=VREFH=15V
M=400ns/DIV
CL=4.7nF
RS=20Ω
5V
SDA
0V
OUTPUT
SCLK
0V
5V
0V
10V
5V
M=400µs/DIV
SDA
OUTPUT
SCLK
M=400µs/DIV
EL5226, EL5326


Similar Part No. - EL5326IR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5326IR RENESAS-EL5326IR Datasheet
673Kb / 12P
   10- and 12-Channel TFT-LCD Reference Voltage Generators
EL5326IR-T13 RENESAS-EL5326IR-T13 Datasheet
673Kb / 12P
   10- and 12-Channel TFT-LCD Reference Voltage Generators
EL5326IR-T7 RENESAS-EL5326IR-T7 Datasheet
673Kb / 12P
   10- and 12-Channel TFT-LCD Reference Voltage Generators
EL5326IRZ RENESAS-EL5326IRZ Datasheet
673Kb / 12P
   10- and 12-Channel TFT-LCD Reference Voltage Generators
EL5326IRZ-T13 RENESAS-EL5326IRZ-T13 Datasheet
673Kb / 12P
   10- and 12-Channel TFT-LCD Reference Voltage Generators
More results

Similar Description - EL5326IR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5226 RENESAS-EL5226 Datasheet
673Kb / 12P
   10- and 12-Channel TFT-LCD Reference Voltage Generators
logo
Intersil Corporation
EL5325 INTERSIL-EL5325 Datasheet
775Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator
EL5225 INTERSIL-EL5225 Datasheet
859Kb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5225 RENESAS-EL5225 Datasheet
1Mb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5325A INTERSIL-EL5325A Datasheet
797Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
EL5325A INTERSIL-EL5325A_06 Datasheet
851Kb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
logo
Renesas Technology Corp
EL5325A RENESAS-EL5325A Datasheet
1Mb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5825 INTERSIL-EL5825 Datasheet
638Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5126 RENESAS-EL5126 Datasheet
697Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com