Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQA62N25C Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQA62N25C
Description  250V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA62N25C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQA62N25C Datasheet HTML 1Page - Fairchild Semiconductor FQA62N25C Datasheet HTML 2Page - Fairchild Semiconductor FQA62N25C Datasheet HTML 3Page - Fairchild Semiconductor FQA62N25C Datasheet HTML 4Page - Fairchild Semiconductor FQA62N25C Datasheet HTML 5Page - Fairchild Semiconductor FQA62N25C Datasheet HTML 6Page - Fairchild Semiconductor FQA62N25C Datasheet HTML 7Page - Fairchild Semiconductor FQA62N25C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. A, March 2004
©2004 Fairchild Semiconductor Corporation
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 0.96mH, IAS = 62A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 62A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
250
--
--
V
∆BVDSS
/
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.28
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 250 V, VGS = 0 V
--
--
10
µA
VDS = 200 V, TC = 125°C
--
--
100
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 31 A
--
0.029
0.035
gFS
Forward Transconductance
VDS = 40 V, ID = 31 A
(Note 4)
--
55
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
4830
6280
pF
Coss
Output Capacitance
--
945
1230
pF
Crss
Reverse Transfer Capacitance
--
63.5
83
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 125 V, ID = 62 A,
RG = 25 Ω
(Note 4)
--
75
160
ns
tr
Turn-On Rise Time
--
395
800
ns
td(off)
Turn-Off Delay Time
--
245
500
ns
tf
Turn-Off Fall Time
--
335
680
ns
Qg
Total Gate Charge
VDS = 200 V, ID = 62 A,
VGS = 10 V
(Note 4)
--
100
130
nC
Qgs
Gate-Source Charge
--
25.5
--
nC
Qgd
Gate-Drain Charge
--
39
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
62
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
248
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 62 A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 62 A,
dIF / dt = 100 A/µs
(Note 4)
--
340
--
ns
Qrr
Reverse Recovery Charge
--
4.77
--
µC


Similar Part No. - FQA62N25C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQA62N25 ISC-FQA62N25 Datasheet
369Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQA62N25C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com