Electronic Components Datasheet Search |
|
NTE2957 Datasheet(PDF) 1 Page - NTE Electronics |
|
NTE2957 Datasheet(HTML) 1 Page - NTE Electronics |
1 / 2 page NTE2957 MOSFET N–Channel, Enhancement Mode High Speed Switch Applications: D SMPS D DC–DC Converter D Battery Charger D Power Supply of Printer D Copier D HDD, FDD, TV, VCR D Personal Computer Absolute Maximum Ratings: (TC = +25°C unless otherwise specified) Drain–Source Voltage (VGS = 0V), VDSS 700V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gate–Source Voltage (VDS = 0V), VGS ±30V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Drain Current, ID Continuous 5A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Pulsed 15A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum Power Dissipation, PD 30W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Channel Temperature Range, Tch –55 ° to +150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage Temperature Range, Tstg –55 ° to +150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Thermal Resistance, Channel–to–Case, Rth(ch–c) 4.17 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Isolation Voltage, VISO 2000V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Electrical Characteristics: (Tch = +25°C unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Unit Drain–Source Breakdown Voltage V(BR)DSS VDS = 0V, ID = 1mA 700 – – V Gate–Source Breakdown Voltage V(BR)GSS VDS = 0V, IG = ±100µA ±30 – – V Gate–Source Leakage IGSS VGS = ±25V, VDS = 0V – – ±10 µA Zero Gate Voltage Drain Current IDSS VDS = 700V, VGS = 0 – – 1.0 mA Gate Threshold Voltage VGS(th) VDS = 10V, ID = 1mA 2.0 3.0 4.0 V Static Drain–Source ON Resistance RDS(on) VGS = 10V, ID = 2A – 2.0 2.6 Ω Drain–Source On–State Voltage VDS(on) VGS = 10V, ID = 2A – 4.0 5.2 V Forward Transfer Admittance |yfs| VGS = 10V, ID = 2A 2.5 4.2 – S |
Similar Part No. - NTE2957 |
|
Similar Description - NTE2957 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |