Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA17432HLTP Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HA17432HLTP
Description  Shunt Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17432HLTP Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HA17432HLTP Datasheet HTML 4Page - Hitachi Semiconductor HA17432HLTP Datasheet HTML 5Page - Hitachi Semiconductor HA17432HLTP Datasheet HTML 6Page - Hitachi Semiconductor HA17432HLTP Datasheet HTML 7Page - Hitachi Semiconductor HA17432HLTP Datasheet HTML 8Page - Hitachi Semiconductor HA17432HLTP Datasheet HTML 9Page - Hitachi Semiconductor HA17432HLTP Datasheet HTML 10Page - Hitachi Semiconductor HA17432HLTP Datasheet HTML 11Page - Hitachi Semiconductor HA17432HLTP Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
HA17431H Series
Rev.0, Sep. 2001, page 8 of 15
Application Hints (cont.)
No.
Application Example
Description
6
Constant voltage regulator circuit
VCC
R1
R2
R3
Cf
Q
Vout
GND
GND
This is a 3-pin regulator with a discrete configuration, in
which the output voltage
Vout = 2.5 V
×
(R2 + R3)
R3
R
1 is a bias resistance for supplying the HA17431H
cathode current and the output transistor Q base
current.
7
Discharge type constant current circuit
GND
VCC
R
RS
Q
2.5 V
+
IL
This circuit supplies a constant current of
IL
[A] into the load. Caution is required
2.5 V
RS
since the HA17431H cathode current is also
superimposed on I
L.
The requirement in this circuit is that the cathode
current must be greater than Imin = 0.2 mA. The I
L
setting therefore must be on the order of several mA or
more.
8
Induction type constant current circuit
GND
VCC
R
Q
2.5 V
+
IL
RS
In this circuit, the load is connected on the collector
side of transistor Q in circuit 7 above. In this case, the
load floats from GND, but the HA17431H cathode
current is not superimposed on I
L, so that IL can be kept
small (0.2 mA or less is possible). The constant current
value is the same as for circuit 7 above:
IL
[A]
2.5 V
RS


Similar Part No. - HA17432HLTP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17432HLTP RENESAS-HA17432HLTP Datasheet
96Kb / 7P
   Shunt Regulator
More results

Similar Description - HA17432HLTP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
   Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
   Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
   Shunt Regulator
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
   Shunt Regulator
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431HA17L431A RENESAS-HA17L431HA17L431A_15 Datasheet
217Kb / 11P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431L TAITRON-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Sirectifier Global Corp...
TL431 SIRECT-TL431 Datasheet
677Kb / 4P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com