Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9040BEUK-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9040BEUK-T
Description  Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9040BEUK-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9040BEUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX9040BEUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX9040BEUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX9040BEUK-T Datasheet HTML 9Page - Maxim Integrated Products MAX9040BEUK-T Datasheet HTML 10Page - Maxim Integrated Products MAX9040BEUK-T Datasheet HTML 11Page - Maxim Integrated Products MAX9040BEUK-T Datasheet HTML 12Page - Maxim Integrated Products MAX9040BEUK-T Datasheet HTML 13Page - Maxim Integrated Products MAX9040BEUK-T Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
3) In this example, let VCC = 5V and VREF = 2.5V:
and
4) Select R2. In this example, we will choose 1k
Ω.
5) Select VHYS. In this example, we will choose 50mV.
6) Solve for R1:
where R1
≈ 100kΩ, VTH = 2.525V, and VTL = 2.475V.
Board Layout and Bypassing
Power-supply bypass capacitors are not typically need-
ed, but would be called for in cases where supply
impedance is high, supply leads are long, or excessive
noise is expected on the supply lines. Use 100nF
bypass capacitors under these conditions. Minimize
signal trace lengths to reduce stray capacitance.
Reference Output/Load Capacitance
The MAX9039/MAX904_/MAX905_ do not require an
output capacitor on REF for frequency stability. They
are stable for capacitive loads up to 4.7nF. However, in
applications where the load or the supply can experi-
ence step changes, an output capacitor will reduce the
amount of overshoot (or undershoot) and assist the cir-
cuit’s transient response. When an application is not
subject to transient conditions, the REF capacitor can
be omitted.
Biasing for Data Recovery
Digital data is often embedded into a bandwidth- and
amplitude-limited analog path. Recovering the data can
be difficult. Figure 2 compares the input signal to a
time-averaged version of itself. This self-biases the
threshold to the average input voltage for optimal noise
margin.
Even severe phase distortion is eliminated from the dig-
ital output signal. Be sure to choose R1 and C1 so that:
where fCAR is the fundamental carrier frequency of the
digital data stream.
UCSP Package Consideration
For general UCSP package information and PC layout
considerations, please refer to Maxim Application
Note,"Wafer-Level Chip-Scale Package."
UCSP Reliability
The chip-scale package (UCSP) represents a unique
packaging form factor that may not perform equally to a
packaged product through traditional mechanical relia-
bility tests. UCSP reliability is integrally linked to the
user’s assembly methods, circuit board material, and
usage environment. The user should closely review
these areas when considering use of a UCSP.
Performance through Operating Life Test and Moisture
Resistance remains uncompromised as it is primarily
determined by the wafer-fabrication process.
Mechanical stress performance is a greater considera-
tion for a UCSP. UCSPs are attached through direct
solder contact to the user’s PC board, foregoing the
inherent stress relief of a packaged product lead frame.
Solder joint contact integrity must be considered.
Information on Maxim’s qualification plan, test data,
and recommendations are detailed in the UCSP appli-
cation note, which can be found on Maxim’s website at
www.maxim-ic.com.
Chip Information
MAX9039 TRANSISTOR COUNT: 193
MAX9040/MAX9041/MAX9050/MAX9051 TRANSISTOR
COUNT: 204
MAX9042/MAX9043/MAX9052/MAX9053 TRANSISTOR
COUNT: 280
f
1
2R1C1
CAR >>
π
0 050
5
1000
1 1000
.
=
+
R
VV
R
RR
HYS
CC
=
+


2
12
V
R
RR
TL =−
+
25 1
2
12
.
V
R
RR
TH =+
+
25
25
2
12
..
Micropower, Single-Supply, UCSP/SOT23
Comparator + Precision Reference ICs
10
______________________________________________________________________________________
MAX9039–MAX9043
MAX9050–MAX9053
OUT
IN+
IN-
10k
0.1
µF
VCC
VIN
VEE
VCC
Figure 2. Time Averaging of the Input Signal for Data Recovery


Similar Part No. - MAX9040BEUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9040BEUK-T MAXIM-MAX9040BEUK-T Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
MAX9040BEUK-T MAXIM-MAX9040BEUK-T Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
More results

Similar Description - MAX9040BEUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9039 MAXIM-MAX9039 Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
MAX9038 MAXIM-MAX9038 Datasheet
1Mb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
19-1569; Rev 10; 1/17
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Texas Instruments
LMP7300 TI1-LMP7300_14 Datasheet
302Kb / 18P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300 Datasheet
904Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com