Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V24L20GI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT70V24L20GI
Description  HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V24L20GI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT70V24L20GI Datasheet HTML 4Page - Integrated Device Technology IDT70V24L20GI Datasheet HTML 5Page - Integrated Device Technology IDT70V24L20GI Datasheet HTML 6Page - Integrated Device Technology IDT70V24L20GI Datasheet HTML 7Page - Integrated Device Technology IDT70V24L20GI Datasheet HTML 8Page - Integrated Device Technology IDT70V24L20GI Datasheet HTML 9Page - Integrated Device Technology IDT70V24L20GI Datasheet HTML 10Page - Integrated Device Technology IDT70V24L20GI Datasheet HTML 11Page - Integrated Device Technology IDT70V24L20GI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
6.42
IDT70V24S/L
High-Speed 4K x 16 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
8
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(4)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2.
This parameter is guaranteed by device characterization, but is not production tested.
3.
To access RAM,
CE = VIL, UB or LB = VIL, and SEM = VIH. To access semaphore, CE = VIH or UB and LB = VIH, and SEM = VIL.
4.
'X' in part number indicates power rating (S or L).
70V24X15
Com'l Only
70V24X20
Com'l
& Ind
70V24X25
Com'l
& Ind
Unit
Symbol
Parameter
Min.Max.Min.Max.
Min.Max.
READ CYCLE
tRC
Read Cycle Time
15
____
20
____
25
____
ns
tAA
Address Access Time
____
15
____
20
____
25
ns
tACE
Chip Enable Access Time(3)
____
15
____
20
____
25
ns
tABE
Byte Enable Access Time(3)
____
15
____
20
____
25
ns
tAOE
Output Enable Access Time(3)
____
10
____
12
____
13
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time
(1,2)
3
____
3
____
3
____
ns
tHZ
Output High-Z Time(1,2)
____
10
____
12
____
15
ns
tPU
Chip Enable to Power Up Time(1,2)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(1,2)
____
15
____
20
____
25
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)10
____
10
____
10
____
ns
tSAA
Semaphore Address Access
(3)
____
15
____
20
____
25
ns
2911 tbl 11a
70V24X35
Com'l
& Ind
70V24X55
Com'l
& Ind
Unit
Symbol
Parameter
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
35
____
55
____
ns
tAA
Address Access Time
____
35
____
55
ns
tACE
Chip Enable Access Time
(3)
____
35
____
55
ns
tABE
Byte Enable Access Time
(3)
____
35
____
55
ns
tAOE
Output Enable Access Time(3)
____
20
____
30
ns
tOH
Output Hold from Address Change
3
____
3
____
ns
tLZ
Output Low-Z Time
(1,2)
3
____
3
____
ns
tHZ
Output High-Z Time(1,2)
____
15
____
25
ns
tPU
Chip Enable to Power Up Time
(1,2)
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(1,2)
____
35
____
50
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)15
____
15
____
ns
tSAA
Semaphore Address Access
(3)
____
35
____
55
ns
2911 tbl 11b


Similar Part No. - IDT70V24L20GI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V24L25G IDT-IDT70V24L25G Datasheet
281Kb / 17P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V24L25J IDT-IDT70V24L25J Datasheet
281Kb / 17P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V24L25PF IDT-IDT70V24L25PF Datasheet
281Kb / 17P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V24L20GI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V24S IDT-IDT70V24S Datasheet
281Kb / 17P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V27S IDT-IDT70V27S_12 Datasheet
363Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
70V28 RENESAS-70V28 Datasheet
461Kb / 19P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
JUNE 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com