Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2213-KNBML Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2213-KNBML
Description  Sequenced Portable Power Management IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2213-KNBML Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2213-KNBML Datasheet HTML 3Page - Micrel Semiconductor MIC2213-KNBML Datasheet HTML 4Page - Micrel Semiconductor MIC2213-KNBML Datasheet HTML 5Page - Micrel Semiconductor MIC2213-KNBML Datasheet HTML 6Page - Micrel Semiconductor MIC2213-KNBML Datasheet HTML 7Page - Micrel Semiconductor MIC2213-KNBML Datasheet HTML 8Page - Micrel Semiconductor MIC2213-KNBML Datasheet HTML 9Page - Micrel Semiconductor MIC2213-KNBML Datasheet HTML 10Page - Micrel Semiconductor MIC2213-KNBML Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
July 2003
7
MIC2213
MIC2213
Micrel
2.580
2.585
2.590
2.595
2.600
2.605
2.610
0
25
50
75
100 125 150
OUTPUT 1 LOAD CURRENT (mA)
Output Voltage
vs. Load Current
2.820
2.825
2.830
2.835
2.840
2.845
2.850
2.855
2.860
2.865
2.870
0
50
100 150 200 250 300
OUTPUT 2 LOAD CURRENT (mA)
Output Voltage
vs. Load Current
0.00
0.20
0.40
0.60
0.80
1.00
1.20
2.25 2.75 3.25 3.75 4.25 4.75 5.25
SUPPLY VOLTAGE (V)
Switch Threshold
vs. Supply Voltage
Drive Current = 1mA
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
2.25 2.75 3.25 3.75 4.25 4.75 5.25
SUPPLY VOLTAGE (V)
Enable Voltage Threshold
vs. Supply Voltage
2.85
2.90
2.95
3.00
3.05
3.10
3.15
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Output Voltage 1
vs. Temperature
100
µA load
2.65
2.70
2.75
2.80
2.85
2.90
2.95
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Output Voltage 2
vs. Temperature
100
µA load
Typical Characteristics (cont.)
POR SETTING CAP (pF)
POR Delay
C
IN = 1µF
COUT = 1
µF
I
LOAD = 100
µA
110
100
1k
10k 100k 1M
1
10
100
1k
10k
100k
10M
1M


Similar Part No. - MIC2213-KNBML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2213-1.8/2.85BML MICREL-MIC2213-1.8/2.85BML Datasheet
1,001Kb / 11P
   Sequenced Portable Power Management IC
MIC2213-2.5/3.3BML MICREL-MIC2213-2.5/3.3BML Datasheet
1,001Kb / 11P
   Sequenced Portable Power Management IC
MIC2213-AABML MICREL-MIC2213-AABML Datasheet
1,001Kb / 11P
   Sequenced Portable Power Management IC
MIC2213-AAYML MICREL-MIC2213-AAYML Datasheet
1,001Kb / 11P
   Sequenced Portable Power Management IC
MIC2213-Adj/ADJBML MICREL-MIC2213-Adj/ADJBML Datasheet
1,001Kb / 11P
   Sequenced Portable Power Management IC
More results

Similar Description - MIC2213-KNBML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2213 MICREL-MIC2213_05 Datasheet
1,001Kb / 11P
   Sequenced Portable Power Management IC
MIC2214 MICREL-MIC2214 Datasheet
233Kb / 11P
   Portable Power Management IC
MIC23060 MICREL-MIC23060 Datasheet
738Kb / 15P
   Sequenced Power Management IC with HyperLight Load??DC/DC and Dual Input LDO?
logo
Richtek Technology Corp...
RT9912A RICHTEK-RT9912A Datasheet
233Kb / 14P
   Multi-Channel Power Management IC for Portable Device
logo
Active-Semi, Inc
ACT8352 ACTIVE-SEMI-ACT8352 Datasheet
166Kb / 2P
   Four-Channel Integrated Power Management IC for Handheld Portable Equipment
05-May-09
ACT8712 ACTIVE-SEMI-ACT8712_08 Datasheet
655Kb / 36P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 25-Feb-08
ACT8796 ACTIVE-SEMI-ACT8796_08 Datasheet
657Kb / 34P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 10-Oct-08
logo
Shenzhen Huazhimei Semi...
HM8332 HMSEMI-HM8332 Datasheet
209Kb / 8P
   Three Channels Integrated Power Management IC for Handheld Portable Equipment
logo
Active-Semi, Inc
ACT8740 ACTIVE-SEMI-ACT8740 Datasheet
111Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8712 ACTIVE-SEMI-ACT8712 Datasheet
111Kb / 2P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com