Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2213-AABML Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2213-AABML
Description  Sequenced Portable Power Management IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2213-AABML Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2213-AABML Datasheet HTML 1Page - Micrel Semiconductor MIC2213-AABML Datasheet HTML 2Page - Micrel Semiconductor MIC2213-AABML Datasheet HTML 3Page - Micrel Semiconductor MIC2213-AABML Datasheet HTML 4Page - Micrel Semiconductor MIC2213-AABML Datasheet HTML 5Page - Micrel Semiconductor MIC2213-AABML Datasheet HTML 6Page - Micrel Semiconductor MIC2213-AABML Datasheet HTML 7Page - Micrel Semiconductor MIC2213-AABML Datasheet HTML 8Page - Micrel Semiconductor MIC2213-AABML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
July 2003
5
MIC2213
MIC2213
Micrel
Parameter
Conditions
Min
Typ
Max
Units
DRV Output
Voltage Low
I
DRV = 150mA
0.2
0.5
V
0.6
Leakage Current
I
DRV = 0mA, VDRV = 5.5V, SW = 0V
–1
0.01
+1
µA
SW Input Voltage
Logic Low (DRV Shutdown)
0.6
V
Logic High (DRV Enabled)
1.8
V
SW Input Current
V
IL < 0.6V (DRV Shutdown)
–1
0.01
+1
µA
V
IH > 1.8V (DRV Enabled)
–1
0.01
+1
µA
SET Input
SET Pin Current Source
V
SET = 0V
0.75
1.25
1.75
µA
SET Pin Threshold Voltage
P
OR = High
1.25
V
Note 1.
Exceeding maximum rating may damage the device.
Note 2.
The device is not guaranteed to work outside its operating rating.
Note 3.
The maximum allowable power dissipation of any T
A (ambient temperature) is (PD(max) = TJ(max) – TA) / θJA. Exceeding the maximum
allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
Note 4.
Specification for packaged product only.
Note 5.
Minimum input for line regulation test is set to V
OUT + 1V relative to the highest output voltage.
Note 6.
Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential. For outputs below 2.25V, dropout voltage is the input-to-output voltage differential with the minimum input voltage 2.25V. Minimum
input operating voltage is 2.25V.
Note 7.
Time measured from output of regulator 1 reaching 90% of its final value to output of regulator 2 reaching 90% of its final value.


Similar Part No. - MIC2213-AABML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2213-AABML MICREL-MIC2213-AABML Datasheet
1,001Kb / 11P
   Sequenced Portable Power Management IC
More results

Similar Description - MIC2213-AABML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2213 MICREL-MIC2213_05 Datasheet
1,001Kb / 11P
   Sequenced Portable Power Management IC
MIC2214 MICREL-MIC2214 Datasheet
233Kb / 11P
   Portable Power Management IC
MIC23060 MICREL-MIC23060 Datasheet
738Kb / 15P
   Sequenced Power Management IC with HyperLight Load??DC/DC and Dual Input LDO?
logo
Richtek Technology Corp...
RT9912A RICHTEK-RT9912A Datasheet
233Kb / 14P
   Multi-Channel Power Management IC for Portable Device
logo
Active-Semi, Inc
ACT8352 ACTIVE-SEMI-ACT8352 Datasheet
166Kb / 2P
   Four-Channel Integrated Power Management IC for Handheld Portable Equipment
05-May-09
ACT8712 ACTIVE-SEMI-ACT8712_08 Datasheet
655Kb / 36P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 25-Feb-08
ACT8796 ACTIVE-SEMI-ACT8796_08 Datasheet
657Kb / 34P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 10-Oct-08
logo
Shenzhen Huazhimei Semi...
HM8332 HMSEMI-HM8332 Datasheet
209Kb / 8P
   Three Channels Integrated Power Management IC for Handheld Portable Equipment
logo
Active-Semi, Inc
ACT8740 ACTIVE-SEMI-ACT8740 Datasheet
111Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8712 ACTIVE-SEMI-ACT8712 Datasheet
111Kb / 2P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com