Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9042 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9042
Description  Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9042 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9042 Datasheet HTML 5Page - Maxim Integrated Products MAX9042 Datasheet HTML 6Page - Maxim Integrated Products MAX9042 Datasheet HTML 7Page - Maxim Integrated Products MAX9042 Datasheet HTML 8Page - Maxim Integrated Products MAX9042 Datasheet HTML 9Page - Maxim Integrated Products MAX9042 Datasheet HTML 10Page - Maxim Integrated Products MAX9042 Datasheet HTML 11Page - Maxim Integrated Products MAX9042 Datasheet HTML 12Page - Maxim Integrated Products MAX9042 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Detailed Description
The MAX9039–MAX9043 and MAX9050–MAX9053 fea-
ture single/dual, low-power, low-voltage comparators
and a precision voltage reference. They operate from a
single 2.5V to 5.5V (MAX9039/MAX904_) or 2.7V to
5.5V (MAX905_) supply. The single comparators with
reference, (MAX9039/MAX9040/MAX9041/MAX9050/
MAX9051 consume only 40µA of supply current, while
the dual comparators with reference (MAX9042/
MAX9043/MAX9052/MAX9053) consume only 55µA of
supply current. Their common-mode input range
extends 0.25V beyond each rail. Internal hysteresis
ensures clean output switching, even with slow-moving
input signals.
The output stage employs a unique design that mini-
mizes supply current surges while switching, virtually
eliminating the supply glitches typical of many other
comparators. Large internal output drivers allow rail-to-
rail output swing that can sink and source up to 8mA of
current.
The precision reference uses a proprietary curvature-
correction circuit and laser-trimmed thin-film resistors,
resulting in a temperature coefficient of less than 30ppm/°C
over the extended temperature range and initial accuracy
of 0.4% (A grade). The reference output voltage is set to
1.23V in the MAX9039, 2.048V in the MAX9040–MAX9043,
and to 2.500V in the MAX9050–MAX9053.
Comparator Input Stage Circuitry
The devices’ input common-mode range extends from
(VEE - 0.25V) to (VCC + 0.25V). These comparators may
operate at any differential input voltage within these lim-
its. Input bias current is typically 1.0pA if the input volt-
age is between the supply rails. Comparator inputs are
protected from overvoltage by internal body diodes
connected to the supply rails. As the input voltage
exceeds the supply rails, these body diodes become
forward biased and begin to conduct. Consequently,
bias currents increase exponentially as the input volt-
age exceeds the supply rails.
Comparator Output Stage Circuitry
The comparators in these devices contain a unique
output stage capable of rail-to-rail operation with loads
up to 8mA. Many comparators consume orders-of-mag-
nitude more current during switching than during
steady-state operation. However, with this family of com-
parators, the supply current change during an output
transition is extremely small. The Typical Operating
Characteristics graph Supply Current vs. Switching
Frequency shows the minimal supply current increase
as the output switching frequency approaches 1MHz.
This characteristic reduces the need for power-supply
filter capacitors to reduce glitches created by compara-
tor switching currents. Another advantage realized in
high-speed, battery-powered applications is a substan-
tial increase in battery life.
Applications Information
Additional Hysteresis
These comparators have ±3mV internal hysteresis.
Additional hysteresis can be generated with two resis-
tors using positive feedback (Figure 1). Use the follow-
ing procedure to calculate resistor values:
1) Calculate the trip points of the comparator using
these formulas:
and
VTH is the threshold voltage at which the comparator
switches its output from high to low as VIN rises
above the trip point. VTL is the threshold voltage at
which the comparator switches its output from low to
high as VIN drops below the trip point.
2) The hysteresis band will be:
VV
R
RR
TL
REF
=−
+
1
2
12
VV
VV
R
RR
TH
REF
CC
REF
=+
()
+


2
12
Micropower, Single-Supply, UCSP/SOT23
Comparator + Precision Reference ICs
_______________________________________________________________________________________
9
MAX9039–MAX9043
MAX9050–MAX9053
OUT
IN+
IN-
R2
R1
VIN
VREF
VCC
VEE
VCC
Figure 1. Additional Hysteresis
VV
V
V
R
RR
HYS
TH
TL
CC
=−
=
+


2
12


Similar Part No. - MAX9042

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9042 MAXIM-MAX9042 Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
MAX9042 MAXIM-MAX9042 Datasheet
1Mb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
19-1569; Rev 10; 1/17
MAX9042AESA MAXIM-MAX9042AESA Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
MAX9042AESA MAXIM-MAX9042AESA Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
MAX9042AEUA MAXIM-MAX9042AEUA Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
More results

Similar Description - MAX9042

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9039 MAXIM-MAX9039 Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
MAX9038 MAXIM-MAX9038 Datasheet
1Mb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
19-1569; Rev 10; 1/17
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Texas Instruments
LMP7300 TI1-LMP7300_14 Datasheet
302Kb / 18P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300 Datasheet
904Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com