Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9053 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9053
Description  Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9053 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9053 Datasheet HTML 2Page - Maxim Integrated Products MAX9053 Datasheet HTML 3Page - Maxim Integrated Products MAX9053 Datasheet HTML 4Page - Maxim Integrated Products MAX9053 Datasheet HTML 5Page - Maxim Integrated Products MAX9053 Datasheet HTML 6Page - Maxim Integrated Products MAX9053 Datasheet HTML 7Page - Maxim Integrated Products MAX9053 Datasheet HTML 8Page - Maxim Integrated Products MAX9053 Datasheet HTML 9Page - Maxim Integrated Products MAX9053 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Micropower, Single-Supply, UCSP/SOT23
Comparator + Precision Reference ICs
6
_______________________________________________________________________________________
10,000
1000
100
10
1
0.1
0.01
1
10
0.1
OUTPUT HIGH VOLTAGE
vs. OUTPUT SOURCE CURRENT
OUTPUT SOURCE CURRENT (mA)
VCC = 5.0V
VIN+ > VIN-
VCC = 2.7V
0
40
20
60
100
80
120
-40
0
-20
20
40
60
80
OUTPUT SHORT-CIRCUIT CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5.0V
VIN+ > VIN-
OUT SHORTED TO VEE
VCC = 2.7V
0
20
60
40
80
100
-40
-20
0
20
40
60
80
OUTPUT SHORT-CIRCUIT CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5.0V
VIN- > VIN+
OUT SHORTED TO VCC
VCC = 2.7V
350
400
450
500
550
600
0
400
200
600
800
100
500
300
700
900 1000
PROPAGATION DELAY
vs. CAPACITIVE LOAD (VCC = 2.7V)
CAPACITIVE LOAD (pF)
tPD+ TO VOUT = 50%
OF FINAL VALUE
tPD- TO VOUT = 50%
OF FINAL VALUE
tPD+ TO VOUT = 10%
OF FINAL VALUE
tPD- TO VOUT = 10%
OF FINAL VALUE
VOD = 50mV
300
400
350
500
450
600
550
650
0
400
200
600
800
100
500
300
700
900 1000
PROPAGATION DELAY
vs. CAPACITIVE LOAD (VCC = 5V)
CAPACITIVE LOAD (pF)
tPD+ TO VOUT = 50%
OF FINAL VALUE
tPD- TO VOUT = 50%
OF FINAL VALUE
tPD+ TO VOUT = 10%
OF FINAL VALUE
tPD- TO VOUT = 10%
OF FINAL VALUE
VOD = 50mV
350
300
450
400
600
550
500
650
-40
0
-20
20
40
60
80
PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
tPD+ TO VOUT = 50%
OF FINAL VALUE
tPD- TO VOUT = 50%
OF FINAL VALUE
tPD+ TO VOUT = 10%
OF FINAL VALUE
tPD- TO VOUT = 10%
OF FINAL VALUE
VOD = 50mV
200
400
300
600
500
800
700
900
080
40
120
160
20
100
60
140
180 200
PROPAGATION DELAY
vs. INPUT OVERDRIVE
INPUT OVERDRIVE (mV)
tPD+, VCC = 5.0V
tPD-, VCC = 2.7V
tPD-, VCC = 5.0V
tPD+, VCC = 2.7V
Typical Operating Characteristics (continued)
(VCC = 5V, VEE = 0V, VCM = 0V, IOUT = 0A, IREF = 0A, TA = +25°C, unless otherwise noted.)
250
0.01
0.1
1
10
100
1000
200
150
100
50
0
MAX9042/MAX9043/MAX9052/MAX9053
SUPPLY CURRENT vs. SWITCHING FREQUENCY
SWITCHING FREQUENCY (kHz)
VCC = 5.0V
VCC = 2.7V
10,000
1000
100
10
1
0.1
0.01
1
10
0.1
OUTPUT LOW VOLTAGE
vs. OUTPUT SINK CURRENT
OUTPUT SINK CURRENT (mA)
VCC = 5.0V
VIN+ < VIN-
VCC = 2.7V


Similar Part No. - MAX9053

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9053 MAXIM-MAX9053 Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
MAX9053 MAXIM-MAX9053 Datasheet
1Mb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
19-1569; Rev 10; 1/17
MAX9053AEUB MAXIM-MAX9053AEUB Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
MAX9053AEUB MAXIM-MAX9053AEUB Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
MAX9053BEUB MAXIM-MAX9053BEUB Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
More results

Similar Description - MAX9053

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9039 MAXIM-MAX9039 Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
MAX9038 MAXIM-MAX9038 Datasheet
1Mb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
19-1569; Rev 10; 1/17
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Texas Instruments
LMP7300 TI1-LMP7300_14 Datasheet
302Kb / 18P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300 Datasheet
904Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com