Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C557E8 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P87C557E8
Description  8 BIT MICROCONTROLLER
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C557E8 Datasheet(HTML) 3 Page - NXP Semiconductors

  P87C557E8 Datasheet HTML 1Page - NXP Semiconductors P87C557E8 Datasheet HTML 2Page - NXP Semiconductors P87C557E8 Datasheet HTML 3Page - NXP Semiconductors P87C557E8 Datasheet HTML 4Page - NXP Semiconductors P87C557E8 Datasheet HTML 5Page - NXP Semiconductors P87C557E8 Datasheet HTML 6Page - NXP Semiconductors P87C557E8 Datasheet HTML 7Page - NXP Semiconductors P87C557E8 Datasheet HTML 8Page - NXP Semiconductors P87C557E8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
1999 Mar 12
3
Philips Semiconductors
Product specification
8-bit microcontroller
P8xC557E8
1
FEATURES
• 80C51 Central Processing Unit (CPU)
• 64 kbytes ROM (only P83C557E8)
• 64 kbytes EPROM (only P87C557E8)
• ROM/EPROM Code protection
• 2048 bytes RAM, expandable externally to 64 kbytes
• Two standard 16-bit timers/counters
• An additional 16-bit timer/counter coupled to four
capture registers and three compare registers
• A 10-bit Analog-to-Digital Converter (ADC) with eight
multiplexed analog inputs and programmable autoscan
• Two 8-bit resolution, Pulse Width Modulation outputs
• Five 8-bit I/O ports plus one 8-bit input port shared with
analog inputs
• I2C-bus serial I/O port with byte oriented master and
slave functions
• Full-duplex UART compatible with the standard 80C51
• On-chip Watchdog Timer
• 15 interrupt sources with 2 priority levels (2 to 6 external
sources possible)
• Phase-Locked Loop (PLL) oscillator with 32 kHz
reference and software-selectable system clock
frequency
• Seconds timer
• Software enable/disable of ALE output pulse
• Electromagnetic compatibility improvements
• Wake-up from Power-down by external or seconds
interrupt
• Frequency range for 80C51-family standard oscillator:
3.5 to 16 MHz
• Extended temperature range: −40 to +85 C
• Supply voltage: 4.5 to 5.5 V.
2
GENERAL DESCRIPTION
The 8-bit microcontrollers P80C557E8, P83C557E8 and
P87C557E8 - hereafter referred to as P8xC557E8 - are
manufactured in an advanced CMOS process and are
derivatives of the 80C51 microcontroller family.
The P8xC557E8 contains a volatile 2048 bytes read/write
Data Memory, five 8-bit I/O ports, one 8-bit input port, two
16-bit timer/event counters (identical to the timers of the
80C51), an additional 16-bit timer coupled to capture and
compare latches, a 15-source, two-priority-level,
nested interrupt structure, an 8-input ADC, a dual
Digital-to-Analog Convertor (DAC), Pulse Width
Modulated interface, two serial interfaces (UART and
I2C-bus), a Watchdog Timer, an on-chip oscillator and
timing circuits.
The P8xC557E8 is available in 3 versions:
• P80C557E8: ROMless version
• P83C557E8: containing a non-volatile 64 kbytes mask
programmable ROM
• P87C557E8: containing 64 kbytes programmable
EPROM/OTP.
The P8xC557E8 is a control-oriented CPU with on-chip
Program and Data Memory; it cannot be extended with
external Program Memory. It can access up to 64 kbytes
of external Data Memory. For systems requiring extra
capability, the P8xC557E8 can be expanded using
standard TTL compatible memories and peripherals.
In addition, the P8xC557E8 has two software selectable
reduced power modes: Idle mode and Power-down mode.
The Idle mode freezes the CPU while allowing the RAM,
timers, serial ports, and interrupt system to continue
functioning. The Power-down mode saves the RAM
contents but freezes the oscillator, causing all other chip
functions to be inoperative.The Power-down mode can be
terminated by an external reset, by the seconds interrupt
and by any one of the two external interrupts;
see Section 15.3.
The device also functions as an arithmetic processor
having facilities for both binary and BCD arithmetic as well
as bit-handling capabilities. The instruction set of the
P8xC557E8 is the same as the 80C51 and consists of over
100 instructions: 49 one-byte, 45 two-byte, and
17 three-byte. With a 16 MHz system clock, 58% of the
instructions are executed in 0.75
µs and 40% in 1.5 µs.
Multiply and divide instructions require 3
µs.


Similar Part No. - P87C557E8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C557E8EFB NXP-P87C557E8EFB Datasheet
326Kb / 84P
   8-bit microcontroller
1999 Mar 12
More results

Similar Description - P87C557E8

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com