Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA1088 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SA1088
Description  FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA1088 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SA1088 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA1088 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA1088 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA1088 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA1088 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA1088 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA1088 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Silan
Semiconductors
SA1088
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0
2001-11-22
4
PIN DESCRIPTIONS
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
MUTE
Mute output
9
V
iIF
IF input to limiter amplifier
2
V
OAF
Audio frequency output
signal
10
C
LP2
Low-pass capacitor of IF
limiter amplifier
3
LOOP
AF loop filter
11
V
IRF
Radio frequency input
4
Vp
Supply voltage
12
V
IRF
Radio frequency input
5
OSC
Oscillator resonat circuit
13
C
LIM
Limiter offset voltage
capacitor
6
IF FB
IF feedback
14
GND
Ground
7
C
LP1
Low-pass capacitor of 1dB
amplifier
15
C
AP
All-pass filter capacitor.input
for search tuning
8
V
OIF
IF output to external coupling
capacitor(high-pass)
16
TUNE
Electrical tuning/AFC output
10
-6
10
-5
10
-4
10
-3
10
-2
-80
-60
-40
-20
0
20
S+N
Noise
2
2
1
1
VOAF
(dB)
EMF (V)
1: Mute ON
2: Mute OFF
Fig. 2 Input sensitivity


Similar Part No. - SA1088

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA1084 SILAN-SA1084 Datasheet
451Kb / 10P
   5A LDO VOLTAGE REGULATOR
More results

Similar Description - SA1088

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC1088 SILAN-SC1088 Datasheet
184Kb / 7P
   FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
logo
List of Unclassifed Man...
D7088 ETC-D7088 Datasheet
167Kb / 8P
   FM receiver circuit for battery supply
logo
Wuxi Youda electronics ...
YD9088 YOUDA-YD9088 Datasheet
77Kb / 4P
   FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
logo
Unisonic Technologies
UTCTDA7088 UTC-UTCTDA7088 Datasheet
435Kb / 7P
   FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
logo
NXP Semiconductors
TDA7088T PHILIPS-TDA7088T Datasheet
159Kb / 16P
   FM receiver circuit for battery supply
1996 May 14
logo
NTE Electronics
NTE788 NTE-NTE788 Datasheet
23Kb / 3P
   Integrated Circuit IF System for FM Receiver
logo
Panasonic Semiconductor
AN6162SC PANASONIC-AN6162SC Datasheet
213Kb / 5P
   Narrow Band FM Receiver Circuit
logo
NXP Semiconductors
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
   AM/FM radio receiver circuit?
October 1990
TEA5594 PHILIPS-TEA5594 Datasheet
108Kb / 17P
   AM/FM radio receiver circuit
March 1991
TEA5591A PHILIPS-TEA5591A Datasheet
144Kb / 14P
   AM/FM radio receiver circuit
February 1990
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com